Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 29 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 29 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 25Page - STMicroelectronics S2-LPS Datasheet HTML 26Page - STMicroelectronics S2-LPS Datasheet HTML 27Page - STMicroelectronics S2-LPS Datasheet HTML 28Page - STMicroelectronics S2-LPS Datasheet HTML 29Page - STMicroelectronics S2-LPS Datasheet HTML 30Page - STMicroelectronics S2-LPS Datasheet HTML 31Page - STMicroelectronics S2-LPS Datasheet HTML 32Page - STMicroelectronics S2-LPS Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
4.4.5.6
RX timer management
The programmable RX timer used can be configured using quality indicator to avoid unwanted interruption during
a valid packet due to RX timer expiration. The quality indicators used to stop the RX timer are SQI, CS and
PQI. More specifically, AND or OR Boolean relationships among any of them can be configured, to suit user
application. In particular, it is required to include always SQI valid check, to avoid to stay in RX state for unlimited
time, if timeout is stopped but no valid SQI is detected (in such cases, the RX state can be left using a SABORT
command).
On timer expiration, reception aborts and the packet is discarded.
Table 38. RX timer stop condition configuration
RX_TIMEOUT_AND_OR_SELECT CS_TIMEOUT_MASK SQI_TIMEOUT_MASK
PQI_TIMEOUT_MASK
Description
0
0
0
0
The RX timeout never expires and the
reception ends at the reception of the
packet
1
0
0
0
The RX timeout cannot be stopped. It
starts at the RX state and at the end
expires
X
1
0
0
RSSI above threshold
X
0
1
0
SQI above threshold (default)
X
0
0
1
PQI above threshold
0
1
1
0
Both RSSI AND SQI above threshold
0
1
0
1
Both RSSI AND PQI above threshold
0
0
1
1
Both SQI AND PQI above threshold
0
1
1
1
ALL above threshold
1
1
1
0
RSSI OR SQI above threshold
1
1
0
1
RSSI OR PQI above threshold
1
0
1
1
SQI OR PQI above threshold
1
1
1
1
ANY above threshold
4.4.5.7
Receiver data modes
Direct modes are primarily intended to completely bypass the automatic packet handler, in order to give the user
maximum flexibility in the choice of frame formats. Specifically:
•
Direct through FIFO mode: the packet bytes are continuously received and written in the RX FIFO without
any processing. It is the responsibility of the microcontroller to avoid any overflow conditions on the RX
FIFO.
•
Direct through GPIO mode: the packet bits are continuously written to one of the GPIO pins without any
processing. To allow the synchronization of an external data sink, a data clock signal is also provided on one
of the GPIO pins. Data are updated by the device on the falling edge of such clock signal so the MCU must
read it during falling edge of CLK.
4.4.5.8
Receiver quality indicators
S2-LPS
Digital modulator
DS13831 - Rev 1
page 29/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com