Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 11 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 11 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 7Page - STMicroelectronics S2-LPS Datasheet HTML 8Page - STMicroelectronics S2-LPS Datasheet HTML 9Page - STMicroelectronics S2-LPS Datasheet HTML 10Page - STMicroelectronics S2-LPS Datasheet HTML 11Page - STMicroelectronics S2-LPS Datasheet HTML 12Page - STMicroelectronics S2-LPS Datasheet HTML 13Page - STMicroelectronics S2-LPS Datasheet HTML 14Page - STMicroelectronics S2-LPS Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
Table 6. Low-power state power consumption
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current
Shutdown
-
2.5
-
nA
Standby
500
Sleep
700
Sleep (FIFOs retained)
0.95
µA
Ready
350
Table 7. Power consumption in reception TA = 25 °C, VDD = 3.3 V, fc = 868 MHz
Parameter
Test conditions
Min.
HPM typ.
LPM typ.
Max.
Unit
Supply current
RX @ sensitivity level
-
8.6
7.2
-
mA
Table 8. Power consumption in transmission fc= 915 MHz
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current
TX CW @ 14 dBm
-
22
-
mA
TX CW @ 10 dBm(1)
-
12.5
-
TX CW @ 16 dBm in Boost (2)
-
32
1. SMPS output voltage 1.2 V, LDOs disable.
2. SMPS output voltage 1.8 V.
Table 9. Power consumption in transmission fc= 840-868 MHz
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current
TX CW @ 14 dBm
-
20
-
mA
TX CW @ 10 dBm(1)
-
11.5
-
TX CW @ 16 dBm in Boost (2)
-
29
-
-
1. SMPS output voltage 1.2 V, LDOs disable.
2. SMPS output voltage 1.8 V.
Table 10. Power consumption in transmission fc= 434 MHz
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current
TX CW @ 14 dBm(1)
-
21
-
mA
TX CW @ 10 dBm(2)
-
11.5
-
1. SMPS output voltage 1.6 V.
2. SMPS output voltage 1.2 V, LDOs disable.
Table 11. Power consumption in transmission fc = 510 MHz
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current
TX CW @ 14 dBm
-
19
-
mA
TX CW @ 10 dBm(1)
-
12
-
TX CW @ 15 dBm(2)
-
27
-
S2-LPS
Power consumption
DS13831 - Rev 1
page 11/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com