Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 4 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 4 Page - STMicroelectronics

  S2-LPS Datasheet HTML 1Page - STMicroelectronics S2-LPS Datasheet HTML 2Page - STMicroelectronics S2-LPS Datasheet HTML 3Page - STMicroelectronics S2-LPS Datasheet HTML 4Page - STMicroelectronics S2-LPS Datasheet HTML 5Page - STMicroelectronics S2-LPS Datasheet HTML 6Page - STMicroelectronics S2-LPS Datasheet HTML 7Page - STMicroelectronics S2-LPS Datasheet HTML 8Page - STMicroelectronics S2-LPS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
The data to be transmitted can be provided by an external MCU either through the 128-byte TX FIFO writable via
SPI, or directly using a programmable GPIO pin. The S2-LPS supports frequency hopping, TX/RX and antenna
diversity switch control, extending the link range and improving performance.
The S2-LPS has a very efficient power management (PM) system. An integrated switched mode power supply
(SMPS) regulator allows operation from a battery voltage ranging from +1.8 V to +3.6 V, and with power
conversion efficiency of 90%.
A crystal must be connected between XIN and XOUT. It is digitally configurable to operate with different crystals.
As an alternative, an external clock signal can be used to feed XIN for proper operation. The S2-LPS also has an
integrated low-power RC oscillator, generating the 34.7 kHz signal used as a clock for the slowest timeouts.
A standard 4-pin SPI bus is used to communicate with the external MCU. Four configurable general purpose I/Os
are available.
S2-LPS
Detailed functional description
DS13831 - Rev 1
page 4/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com