Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 17 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 13Page - STMicroelectronics S2-LPS Datasheet HTML 14Page - STMicroelectronics S2-LPS Datasheet HTML 15Page - STMicroelectronics S2-LPS Datasheet HTML 16Page - STMicroelectronics S2-LPS Datasheet HTML 17Page - STMicroelectronics S2-LPS Datasheet HTML 18Page - STMicroelectronics S2-LPS Datasheet HTML 19Page - STMicroelectronics S2-LPS Datasheet HTML 20Page - STMicroelectronics S2-LPS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDD+
0.1
Low level output voltage
IOL = +2.0 mA (+4.0 mA into high output
current mode).
0.5
V
CSn low to positive edge on SCLK in low
power mode state
40
µs
CSn low to positive edge on SCLK in
ready state
30
ns
3.11
Battery indicator
Characteristics measured over recommended operating conditions unless otherwise specified. All typical values
are referred to 25 °C temperature, VBAT = 3.0 V.
Table 27. Battery indicator and low battery detector
Parameter
Test conditions
Min. Typ. Max. Unit
Battery level thresholds #1
2.1
V
Battery level thresholds #2
2.3
Battery level thresholds #3
2.5
Battery level thresholds #4
2.7
Brownout threshold
Measured in slow battery variation (static) conditions (inaccurate
mode)
1.5
Measured in slow battery variation (static) conditions (accurate
mode)
1.7
Brownout threshold hysteresis
70
mV
Note:
For battery-powered equipment, the TX does not transmit at a wrong frequency under low battery voltage
conditions. It remains on either channel or stops transmitting. The latter can of course be realized by using a
lock detect and/or by switching off the PA under control of the battery monitor. For testing reasons this control is
enabled/disabled by SPI.
S2-LPS
Battery indicator
DS13831 - Rev 1
page 17/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com