Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 43 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 43 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 39Page - STMicroelectronics S2-LPS Datasheet HTML 40Page - STMicroelectronics S2-LPS Datasheet HTML 41Page - STMicroelectronics S2-LPS Datasheet HTML 42Page - STMicroelectronics S2-LPS Datasheet HTML 43Page - STMicroelectronics S2-LPS Datasheet HTML 44Page - STMicroelectronics S2-LPS Datasheet HTML 45Page - STMicroelectronics S2-LPS Datasheet HTML 46Page - STMicroelectronics S2-LPS Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
Figure 14. SPI read sequence
Figure 15. SPI command sequence
Concerning the first byte, the MSB is an A/C bit (address/commands: 0 indicates that the following byte is an
address, 1 indicates that the following byte is a command code), while the LSB is a W/R bit (write/read: 1
indicates a read operation). All other bits must be zero.
Read and write operations are persistently executed while CSn is kept active (low), the address is automatically
incremented (burst mode).
Accessing the FIFO is done as usual with the read and write commands, by putting, as address, the code 0xFF.
Burst mode is available to access the sequence of bytes in the FIFO. Clearly, RX-FIFO is accessed with a read
operation, TX-FIFO with a write operation.
7.2
Interrupts
In order to notify the MCU of a certain number of events an interrupt signal is generated on a selectable GPIO.
The following events trigger an interrupt to the MCU:
Table 47. Interrupts list
Bit
Events group
Interrupt event
0
Packet oriented
RX data ready
1
RX data discarded (upon filtering)
2
TX data sent
3
Max. re-TX reached
4
CRC error
5
TX FIFO underflow/overflow error
6
RX FIFO underflow/overflow error
S2-LPS
Interrupts
DS13831 - Rev 1
page 43/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com