Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 19 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 15Page - STMicroelectronics S2-LPS Datasheet HTML 16Page - STMicroelectronics S2-LPS Datasheet HTML 17Page - STMicroelectronics S2-LPS Datasheet HTML 18Page - STMicroelectronics S2-LPS Datasheet HTML 19Page - STMicroelectronics S2-LPS Datasheet HTML 20Page - STMicroelectronics S2-LPS Datasheet HTML 21Page - STMicroelectronics S2-LPS Datasheet HTML 22Page - STMicroelectronics S2-LPS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
The S2-LPS PM can be configured by SPI (BYPASS_LDO field in PM_CONFIG [1] register) in two main modes:
1.
High performance mode (HPM)
2.
Low power mode (LPM)
In HPM all available LDOs supplied from SMPS are used, to get the best possible isolation and minimum
low-frequency noise level and SMPS ripple. SMPS must be set to 1.4 V at least.
In LPM the LDOs connected to the SMPS are by-passed and SMPS must be configured to provide 1.2 V output
level to increase the regulation efficiency but with reduced isolation and higher low-frequency noise and SMPS
ripple.
The load inductor of the SMPS has to have the following characteristics:
•
A typical 10 µH nominal value +/-10%
•
A rated current of 100 mA minimum
•
A DC resistance as low as possible (to guarantee maximum efficiency of the SMPS block), around 1 Ohm is
a typically good value, but the lower the better
4.2
Power-On-Reset
The Power-On-Reset (POR) circuit generates a reset pulse upon power-up which is used to initialize the entire
digital logic. Power-on-reset senses VBAT voltage.
The S2-LPS provides an automatic POR circuit, which generates an internal RESETN (active low) level for a time
TRESET, after the VBAT reaches the reset release voltage threshold VRRT, as shown in Figure 6. Power-On-Reset
timing and limits. The same reset pulse is generated after a step-down on the input pin SDN (VDD>VRRT). This
signal is available on the GPIO0 pin.
Figure 6. Power-On-Reset timing and limits
The parameters VRRT and TRESET are fixed by design in order to guarantee a reliable reset procedure of the
state machine. In addition, all the registers are initialized to their default values.
A software command SRES is also available, it generates an internal but partial resetting of the S2-LPS.
Table 29. POR parameters
Parameter
Comment
Min.
Typ.
Max.
Unit
Reset start-up threshold voltage
0.5
V
Hold pulse width (Thold, figure below)
For SDN to be effective
1
µs
S2-LPS
Power-On-Reset
DS13831 - Rev 1
page 19/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com