Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 48 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 48 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 44Page - STMicroelectronics S2-LPS Datasheet HTML 45Page - STMicroelectronics S2-LPS Datasheet HTML 46Page - STMicroelectronics S2-LPS Datasheet HTML 47Page - STMicroelectronics S2-LPS Datasheet HTML 48Page - STMicroelectronics S2-LPS Datasheet HTML 49Page - STMicroelectronics S2-LPS Datasheet HTML 50Page - STMicroelectronics S2-LPS Datasheet HTML 51Page - STMicroelectronics S2-LPS Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
CHNUM
0D
00
7:0
CH_NUM
Channel number. This
value is multiplied
by the channel
spacing and added to
the synthesizer base
frequency to generate
the actual RF carrier
frequency, see Eq.
(15).
MOD4
0E
83
7:0
DATARATE_M[15:8]
The MSB of the
mantissa value of the
data rate equation,
see Eq. (13) .
MOD3
0F
2B
7:0
DATARATE_M[7:0]
The LSB of the
mantissa value of the
data rate equation,
see Eq. (13).
MOD2
10
77
7:4
MOD_TYPE
Modulation type:
0: 2-FSK
1: 4-FSK
2: 2-GFSK BT=1
3: 4-GFSK BT=1
5: ASK/OOK
7: unmodulated
10: 2-GFSK
BT=0.5
11: 4-GFSK
BT=0.5
3:0
DATARATE_E
The exponent value of
the data rate equation
(see Eq. (13)).
MOD1
11
03
7
PA_INTERP_EN
1: enable the
PA power
interpolator (see
Section 4.4.6.1 PA
configuration).
6
MOD_INTERP_EN
1: enable frequency
interpolator for the
GFSK shaping (see
Section 4.4.1.1 Gaus
sian shaping).
5:4
CONST_MAP
Select the
constellation map for
4-(G)FSK or 2-(G)FSK
modulations (see
Table 34. Constellation
mapping 2-
(G)FSK and
Table 35. Constellation
mapping 4-(G)FSK).
3:0
FDEV_E
The exponent value
of the frequency
deviation equation,
see Eq. (9).
MOD0
12
93
7:0
FDEV_M
The mantissa value
of the frequency
deviation equation,
see Eq. (9).
S2-LPS
Register contents
DS13831 - Rev 1
page 48/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com