Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 57 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 57 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 53Page - STMicroelectronics S2-LPS Datasheet HTML 54Page - STMicroelectronics S2-LPS Datasheet HTML 55Page - STMicroelectronics S2-LPS Datasheet HTML 56Page - STMicroelectronics S2-LPS Datasheet HTML 57Page - STMicroelectronics S2-LPS Datasheet HTML 58Page - STMicroelectronics S2-LPS Datasheet HTML 59Page - STMicroelectronics S2-LPS Datasheet HTML 60Page - STMicroelectronics S2-LPS Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
PA_CONFIG0
64
8A
00xx ® code
threshold: 418
xx11 ® clamp voltage:
0.55 V
xx10 ® clamp voltage:
0.50 V
xx01 ® clamp voltage:
0.45 V
xx00 ® clamp voltage:
0.40 V.
3
PA_DEGEN_ON
Enables the
'degeneration' mode
that introduces a pre-
distortion to linearize
the power control
curve.
2
SAFE_ASK_CAL
During a TX operation,
enables and starts the
digital ASK calibrator.
1:0
PA_FC
PA Bessel filter
bandwidth:
00b: 12.5 kHz
(data rate 16.2
kbps)
01b: 25 kHz
(data rate 32
kbps)
10b: 50 kHz
(data rate 62.5
kbps)
11b: 100 kHz
(data rate 125
kbps), (see
Section 4.4.2.1
OOK
smoothing) .
SYNTH_CONFIG2
65
D0
7:3
RESERVED
-
2
PLL_PFD_SPLIT_EN
Enables increased DN
current pulses to
improve linearization
of CP/PFD (see
Table 30. Charge
pump words).
1:0
RESERVED
-
VCO_CONFIG
68
03
7:6
RESERVED
-
5
VCO_CALAMP_EXT_
SEL
1 → VCO amplitude
calibration is skipped
(external amplitude
word forced on VCO).
4
VCO_CALFREQ_EXT
_SEL
1 → VCO frequency
calibration is skipped
(external amplitude
word forced on VCO).
3:0
RESERVED
-
VCO_CALIBR_IN2
69
88
7:0
RESERVED
-
VCO_CALIBR_IN1
6A
40
7:0
RESERVED
-
S2-LPS
Register contents
DS13831 - Rev 1
page 57/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com