Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 61 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 61 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 57Page - STMicroelectronics S2-LPS Datasheet HTML 58Page - STMicroelectronics S2-LPS Datasheet HTML 59Page - STMicroelectronics S2-LPS Datasheet HTML 60Page - STMicroelectronics S2-LPS Datasheet HTML 61Page - STMicroelectronics S2-LPS Datasheet HTML 62Page - STMicroelectronics S2-LPS Datasheet HTML 63Page - STMicroelectronics S2-LPS Datasheet HTML 64Page - STMicroelectronics S2-LPS Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
LINK_QUALIF1
A0
00
7
CS
Carrier sense
indication.
6:0
SQI
SQI value of the
received packet.
RSSI_LEVEL
A2
00
7:0
RSSI_LEVEL
RSSI level captured at
the end of the SYNC
word detection of the
received packet.
RX_PCKT_LEN1
A4
00
7:0
RX_PCKT_LEN[14:8]
MSB value of the
length of the packet
received.
RX_PCKT_LEN0
A5
00
7:0
RX_PCKT_LEN[7:0]
LSB value of the
length of the packet
received.
CRC_FIELD3
A6
00
7:0
CRC_FIELD3
CRC field 3 of the
received packet.
CRC_FIELD2
A7
00
7:0
CRC_FIELD2
CRC field 2 of the
received packet.
CRC_FIELD1
A8
00
7:0
CRC_FIELD1
CRC field 1 of the
received packet.
CRC_FIELD0
A9
00
7:0
CRC_FIELD0
CRC field 0 of the
received packet.
RX_ADDRE_FIELD1
AA
00
7:0
RX_ADDRE_FIELD1
Source address field
of the received packet.
RX_ADDRE_FIELD0
AB
00
7:0
RX_ADDRE_FIELD0
Destination address
field of the received
packet.
RSSI_LEVEL_RUN
EF
00
7:0
RSSI_LEVEL_RUN
RSSI level of the
received packet, which
supports continuous
fast SPI reading.
DEVICE_INFO1
F0
03
7:0
PARTNUM
S2-LPS part number
DEVICE_INFO0
F1
C1
7:0
VERSION
S2-LPS version
number
IRQ_STATUS3
FA
00
7:0
INT_LEVEL[31:24]
Interrupt status
register 3
IRQ_STATUS2
FB
09
7:0
INT_LEVEL[23:16]
Interrupt status
register 2
IRQ_STATUS1
FC
05
7:0
INT_LEVEL[15:8]
Interrupt status
register 1
IRQ_STATUS0
FD
00
7:0
INT_LEVEL[7:0]
Interrupt status
register 0
S2-LPS
Register contents
DS13831 - Rev 1
page 61/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com