Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 68 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 68 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 64Page - STMicroelectronics S2-LPS Datasheet HTML 65Page - STMicroelectronics S2-LPS Datasheet HTML 66Page - STMicroelectronics S2-LPS Datasheet HTML 67Page - STMicroelectronics S2-LPS Datasheet HTML 68Page - STMicroelectronics S2-LPS Datasheet HTML 69Page - STMicroelectronics S2-LPS Datasheet HTML 70Page - STMicroelectronics S2-LPS Datasheet HTML 71Page - STMicroelectronics S2-LPS Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
Contents
1
Detailed functional description.....................................................3
2
Typical application diagram and pin description....................................5
2.1
Pin diagram ................................................................... 8
2.2
Pin description ................................................................. 8
3
Specifications ....................................................................10
3.1
Absolute maximum ratings...................................................... 10
3.2
Operating range .............................................................. 10
3.3
Thermal properties ............................................................ 10
3.4
Power consumption ........................................................... 10
3.5
General characterization ....................................................... 12
3.6
Frequency synthesizer ......................................................... 12
3.7
Crystal oscillator .............................................................. 12
3.8
RF receiver .................................................................. 13
3.8.1
Blocking and selectivity at 433 MHz ......................................... 14
3.8.2
Sensitivity at 433 MHz.................................................... 14
3.8.3
Blocking and selectivity at 840-868 MHz ...................................... 14
3.8.4
Sensitivity at 840-868 MHz ................................................ 15
3.9
RF transmitter ................................................................ 15
3.9.1
Harmonic emission at 433 MHz ............................................ 16
3.9.2
Harmonic emission at 840-868 MHz ......................................... 16
3.10
Digital interface specification .................................................... 16
3.11
Battery indicator .............................................................. 17
4
Block description .................................................................18
4.1
Power management ........................................................... 18
4.2
Power-On-Reset .............................................................. 19
4.3
RF synthesizer................................................................ 20
4.3.1
RF channel frequency settings ............................................. 21
4.4
Digital modulator .............................................................. 22
4.4.1
Frequency modulation.................................................... 22
4.4.2
Amplitude modulation .................................................... 23
S2-LPS
Contents
DS13831 - Rev 1
page 68/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com