Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 65 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 65 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 61Page - STMicroelectronics S2-LPS Datasheet HTML 62Page - STMicroelectronics S2-LPS Datasheet HTML 63Page - STMicroelectronics S2-LPS Datasheet HTML 64Page - STMicroelectronics S2-LPS Datasheet HTML 65Page - STMicroelectronics S2-LPS Datasheet HTML 66Page - STMicroelectronics S2-LPS Datasheet HTML 67Page - STMicroelectronics S2-LPS Datasheet HTML 68Page - STMicroelectronics S2-LPS Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
Table 53. Temperature profiles
Profile
Ramp-to-spike
Ramp-soak-spike
Temperature gradient in preheat
T from 70 °C to 150 °C 0.8 °C/s to 1.0 °C/s
T from 70 °C to 150 °C 1 °C/s to 3 °C/s
Soak/dwell ( refer to solder paste
supplier recommendation)
N/A or temp.: 150 °C to 200 °C, 40 to 80 s
Soak 150 °C to 200 °C, 40 to 100 s
Temperature gradient in preheat
Temp.: 200 °C to 225 °C, 1 °C/s to 3 °C/s
Temp.: 200 °C to 225 °C, 1 °C/s to 3 °C/s
Peak temperature
235 °C to 245 °C
Duration above 220 °C
45 to 75 s
Temperature gradient in cooling
-1 °C to -5 °C
Time from 50 to 220 °C
150 to 230 s
S2-LPS
QFN recommended profile parameters
DS13831 - Rev 1
page 65/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com