Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 63 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 63 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 59Page - STMicroelectronics S2-LPS Datasheet HTML 60Page - STMicroelectronics S2-LPS Datasheet HTML 61Page - STMicroelectronics S2-LPS Datasheet HTML 62Page - STMicroelectronics S2-LPS Datasheet HTML 63Page - STMicroelectronics S2-LPS Datasheet HTML 64Page - STMicroelectronics S2-LPS Datasheet HTML 65Page - STMicroelectronics S2-LPS Datasheet HTML 66Page - STMicroelectronics S2-LPS Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
Table 51. QFN24L (4x4 mm) package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.95
1.00
1.05
A1
0.02
0.05
A2
0.65
1.00
A3
0.20
b
0.18
0.25
0.30
D
3.85
4.00
4.15
D2
2.60
2.70
2.80
E
3.85
4.00
4.15
E2
2.60
2.70
2.80
e
0.50
L
0.35
0.40
0.45
ddd
0.08
9.2
PCB pad pattern
In order to design a proper pad pattern, tolerance analysis is required on package and motherboard dimensions.
The tolerance analysis requires consideration of component tolerances, PCB tolerances and the accuracy of the
equipment used to place the component.
For the pad dimensioning three different minimum values have been considered:
•
Minimum toe fillet = JTmin = 0.1 mm
•
Minimum heel fillet = JHmin = 0.05 mm
•
Minimum side fillet = JSmin = 0 mm
The PCB thermal pad should at least match the exposed die paddle size. The solder mask opening should be
120 to 150 microns larger than the pad size resulting in 60 to 75 microns clearance between the copper pas and
solder mask.
S2-LPS
PCB pad pattern
DS13831 - Rev 1
page 63/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com