Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 53 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 53 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 49Page - STMicroelectronics S2-LPS Datasheet HTML 50Page - STMicroelectronics S2-LPS Datasheet HTML 51Page - STMicroelectronics S2-LPS Datasheet HTML 52Page - STMicroelectronics S2-LPS Datasheet HTML 53Page - STMicroelectronics S2-LPS Datasheet HTML 54Page - STMicroelectronics S2-LPS Datasheet HTML 55Page - STMicroelectronics S2-LPS Datasheet HTML 56Page - STMicroelectronics S2-LPS Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
PCKTCTRL1
30
2C
•
3: PN9
1
SECOND_SYNC_SEL
In TX mode:
•
0 select the
primary SYNC
word
•
1 select the
secondary
SYNC word.
In RX mode, if 1
enable the dual SYNC
word detection mode.
PCKTLEN1
31
00
7:0
PCKTLEN1
MSB of length of
packet in bytes.
PCKTLEN0
32
14
7:0
PCKTLEN0
LSB of length of
packet in bytes.
SYNC3
33
88
7:0
SYNC3
SYNC word byte 3.
SYNC2
34
88
7:0
SYNC2
SYNC word byte 2.
SYNC1
35
88
7:0
SYNC1
SYNC word byte 1.
SYNC0
36
88
7:0
SYNC0
SYNC word byte 0.
QI
37
01
7:5
SQI_TH
SQI threshold.
4:1
PQI_TH
PQI threshold.
0
SQI_EN
1: enable the SQI
check.
PCKT_PSTMBL
38
00
7:0
PCKT_PSTMBL
Set the packet
postamble length.
PROTOCOL2
39
40
7
CS_TIMEOUT_MASK
1: enable the CS value
contributes to timeout
disabling.
6
SQI_TIMEOUT_MAS
K
1: enable the SQI
value contributes to
timeout disabling.
5
PQI_TIMEOUT_MAS
K
1: enable the PQI
value contributes to
timeout disabling.
4:3
TX_SEQ_NUM_RELO
AD
TX sequence number
to be used when
counting reset is
required using the
related command.
2
FIFO_GPIO_OUT_MU
X_SEL
0: select the almost
empty/full control for
TX FIFO.
1: select the almost
empty/full control for
RX FIFO.
PROTOCOL1
3A
00
PROTOCOL0
3B
08
S2-LPS
Register contents
DS13831 - Rev 1
page 53/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com