Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 45 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 45 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 41Page - STMicroelectronics S2-LPS Datasheet HTML 42Page - STMicroelectronics S2-LPS Datasheet HTML 43Page - STMicroelectronics S2-LPS Datasheet HTML 44Page - STMicroelectronics S2-LPS Datasheet HTML 45Page - STMicroelectronics S2-LPS Datasheet HTML 46Page - STMicroelectronics S2-LPS Datasheet HTML 47Page - STMicroelectronics S2-LPS Datasheet HTML 48Page - STMicroelectronics S2-LPS Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
I/O selection
Output signal
11
Device in a state other than SLEEP or STANDBY: ‘0’ when in SLEEP/STANDBY
12
Device in STANDBY state
13
Antenna switch signal used for antenna diversity
14
Valid preamble detected flag
15
Sync word detected flag
16
RSSI above threshold (same indication of CS register)
17
Reserved
18
TX or RX mode indicator (to enable an external range extender)
19
VDD (to emulate an additional GPIO of the MCU, programmable by SPI)
20
GND (to emulate an additional GPIO of the MCU, programmable by SPI)
21
External SMPS enable signal (active high)
22
Device in SLEEP state
23
Device in READY state
24
Device in LOCK state
25
Device waiting for a high level of the lock-detector output signal
26
TX_DATA_OOK signal (internal control signal generated in the OOK analog smooth mode)
27
Device waiting for a high level of the READY2 signal from XO
28
Device waiting for timer expiration to allow PM block settling
29
Device waiting for end of VCO calibration
30
Device enables the full circuitry of the SYNTH block
31
Reserved
Table 49. GPIO digital input functions
I/O selection
Input signal
0
1 >> TX command
1
1 >> RX command
2
TX data input for direct modulation
3
Wake-up from external input (sensor output)
4
External clock @ 34.7 kHz (used for LDC modes timing)
From 5 to 31
Not used
S2-LPS
GPIOs
DS13831 - Rev 1
page 45/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com