Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 14 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 10Page - STMicroelectronics S2-LPS Datasheet HTML 11Page - STMicroelectronics S2-LPS Datasheet HTML 12Page - STMicroelectronics S2-LPS Datasheet HTML 13Page - STMicroelectronics S2-LPS Datasheet HTML 14Page - STMicroelectronics S2-LPS Datasheet HTML 15Page - STMicroelectronics S2-LPS Datasheet HTML 16Page - STMicroelectronics S2-LPS Datasheet HTML 17Page - STMicroelectronics S2-LPS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
3.8.1
Blocking and selectivity at 433 MHz
Table 17. Blocking and selectivity at 433 MHz
Parameter
Test condition
HPM
SMPS on
(typ.)
LPM
SMPS ON
typ.
Unit
Selectivity and blocking 1%
BER @ 2-GFSK BT=0.5 20 kHz FDEV, DR = 38.4 kbps, CHF = 100 kHz
+100 kHz (adjacent
channel)
50
37
dB
-100 kHz (adjacent
channel)
50
37
+200 kHz (alternate
channel)
51
45
-200 kHz (alternate
channel)
51
45
Image rejection
56
58
±2 MHz
67
67
±10 MHz
69
72
3.8.2
Sensitivity at 433 MHz
Table 18. Sensitivity at 433 MHz
Parameter
Test conditions
HPM/LPM SMPS on (typ.)
Unit
Sensitivity
1% BER @ 2-GFSK BT = 0.5
DR = 38.4 kbps, FDEV = 20 kHz, CHF = 100 kHz
-109
dBm
Sensitivity
1% BER @ OOK
DR = 0.3 kbps, CHF = 1 kHz
-120
dBm
DR = 1.2 kbps, CHF = 4 kHz
-118
DR = 38.4 kbps, CHF = 100 kHz
-104
3.8.3
Blocking and selectivity at 840-868 MHz
Table 19. Blocking and selectivity @ 840-868 MHz
Parameter
Test conditions
HPM
SMPS on
(typ.)
LPM
SMPS on
(typ.)
Unit
Selectivity and blocking 1% BER @ 2-GFSK BT = 0.5, 20 kHz FDEV,
DR = 38.4 kbps, CHF = 100 kHz
+100 kHz (adjacent
channel)
44
33
dB
-100 kHz (adjacent
channel)
44
33
+200 kHz (alternate
channel)
45
39
-200 kHz (alternate
channel)
45
39
Image rejection
50
55
± 2 MHz
67
70
± 10 MHz
69
73
S2-LPS
RF receiver
DS13831 - Rev 1
page 14/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com