Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 26 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 26 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 22Page - STMicroelectronics S2-LPS Datasheet HTML 23Page - STMicroelectronics S2-LPS Datasheet HTML 24Page - STMicroelectronics S2-LPS Datasheet HTML 25Page - STMicroelectronics S2-LPS Datasheet HTML 26Page - STMicroelectronics S2-LPS Datasheet HTML 27Page - STMicroelectronics S2-LPS Datasheet HTML 28Page - STMicroelectronics S2-LPS Datasheet HTML 29Page - STMicroelectronics S2-LPS Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
DataRate= 
fdig·DATARATE_M
232                                             if DATARATE_E=0
fdig· 216+DATARATE_M ∙2DATARATE_E
233
    if DATARATE_E>0
fdig
8∙DATARATE_M                                                      if DATARATE_E =15
(13)
where
fdigisthedigitalclockfrequency.
In the cases where DATARATE_E<15, the actual modulator timing is generated by a fractional clock divider hence
is affected by a certain amount of jitter. In order to have a jitter free data rate generation a specific mode the last
equation must be used, DATARATE_E = 15 (for transmission only).
4.4.5
Receiver
The S2-LPS contains a low-power low-IF receiver able to amplify the input signal and provide it to the ADC with
a proper signal to noise ratio. The RF antenna signal is converted to a differential one by an external balun,
which performs an impedance transformation also. The receiver gain can be programmed to accommodate the
ADC input signal within its dynamic range. After the down-conversion at IF, a first order filter is implemented to
attenuate the out-of-band blockers.
4.4.5.1
Automatic frequency compensation
The automatic frequency compensation (AFC for short) algorithm allows compensating, within certain limits, a
relative frequency error between the transmitting device and the receiving one caused by for example from crystal
inaccuracies.
The AFC algorithm is operational only for frequency modulation such as 2-(G)FSK and 4-(G)FSK.
Due to the demodulation algorithm employed, any frequency error results in a DC offset in the demodulated signal
before slicing.
The basic operating principle of the AFC is that the minimum and maximum signal frequencies are detected and a
correction is calculated to remove the aforementioned offset.
Such correction is either applied at the slicer level in the form of offset compensation (default mode) or, optionally,
is used to adjust the second IF conversion stage frequency. The former mode allows a quick recovery of the
frequency error but does not prevent part of the received signal power to be cut by the channel filter; the latter
mode adjusts the signal frequency before entering the channel filter thus avoiding power loss but requires a
longer period to settle. The first mode is recommended for normal operation.
The AFC also provides the estimated frequency error through the AFC_CORR register. If the frequency error is
known to be constant (for example communication always occurs between the same pair of devices), this value
can directly be used to correct the programmed center frequency.
In order to guarantee both fast lock and smooth tracking, the AFC has a fast mode and a slow mode. The
AFC will start in fast mode as soon as the RSSI threshold is passed and will switch to the slow mode after a
programmable period.
The AFC is controlled by the following parameters:
•
RSSI threshold: this parameter sets the minimum signal power above which the AFC algorithm is started
(RSSI_TH register).
•
AFC fast gain log2: this parameter sets the loop gain in the fast mode (AFC0 register), the range allowed is
0..15.
•
AFC slow gain log2: this parameter sets the loop gain in the slow mode (AFC0 register), the range allowed is
0..15.
•
AFC fast period: this parameter sets the length of the fast period in number of samples (AFC1 register), the
range allowed is 0...255. The recommended setting for this parameter is such that the fast period equals
the preamble length. Since the algorithm operates typically on 2 samples per symbol, the programmed value
should be twice the number of preamble symbols. If this parameter is set to 0 then the switching from fast
to slow mode is controlled by the sync word detection, for example the fast gain is used before the sync
detection, the slow gain is used after sync detection.
•
AFC mode: this parameter sets the AFC correction mode (AFC2 register. 0b: slicer correction, 1b: 2nd IF
correction).
•
AFC enable: this parameter enables the AFC algorithm (AFC2 register).
S2-LPS
Digital modulator
DS13831 - Rev 1
page 26/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com