Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 8 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 8 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 4Page - STMicroelectronics S2-LPS Datasheet HTML 5Page - STMicroelectronics S2-LPS Datasheet HTML 6Page - STMicroelectronics S2-LPS Datasheet HTML 7Page - STMicroelectronics S2-LPS Datasheet HTML 8Page - STMicroelectronics S2-LPS Datasheet HTML 9Page - STMicroelectronics S2-LPS Datasheet HTML 10Page - STMicroelectronics S2-LPS Datasheet HTML 11Page - STMicroelectronics S2-LPS Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
2.1
Pin diagram
Figure 5. Pin diagram, QFN24 (4x4 mm) package
S2-LPSQTR
VDD SMPS
SMPS1
SMPS2
XOUT
XIN
SDN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
SCLK
SDI
SDO
VDD DIG/RX
RX+
RX-
25 - GND
25 - GND
2.2
Pin description
Table 2. Pinout
Number
Pin name
Pin type
Description
1
VDD SMPS
Power
1.8 V to 3.6 V analog power supply for SMPS only.
2
SMPS1
Analog out
1.1 V to 1.8 V SMPS regulator output to be externally filtered
3
SMPS2
Analog in
1.1 V to 1.8 V SMPS voltage input after LC filtering applied to SMPS1 output
4
XOUT
Analog out
Crystal oscillator output. Connect to an external crystal or leave floating if driving
the XIN pin with an external clock source
5
XIN
Analog in
Crystal oscillator input. Connect to an external crystal or to an external clock
source. If using an external clock source, DC coupling with a minimum 0.2 VDC
level is recommended and minimum AC amplitude of 400 mVpp (however, the
instantaneous level at input cannot exceed the 0 – 1.4 V range)
6
SDN
Digital in
Shutdown input pin. SDN should be = ‘0’ in all modes, except shutdown mode
7
VDD ANA/
SYNTH
Power
1.8 V to 3.6 V power
8
VR SYNTH
Analog in/out
1.2 V SYNTH-LDO output for decoupling
9
VREF VCO
Analog out
1.2 V VCO-LDO band-gap reference voltage decoupling
10
VDD VCO/TX
Power
1.8 V to 3.6 V power supply
11
TX
RF output
RF output signal
S2-LPS
Pin diagram
DS13831 - Rev 1
page 8/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com