Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 55 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 55 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 51Page - STMicroelectronics S2-LPS Datasheet HTML 52Page - STMicroelectronics S2-LPS Datasheet HTML 53Page - STMicroelectronics S2-LPS Datasheet HTML 54Page - STMicroelectronics S2-LPS Datasheet HTML 55Page - STMicroelectronics S2-LPS Datasheet HTML 56Page - STMicroelectronics S2-LPS Datasheet HTML 57Page - STMicroelectronics S2-LPS Datasheet HTML 58Page - STMicroelectronics S2-LPS Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
PCKT_FLT_GOALS2
43
00
7:0
BROADCAST_ADDR/
DUAL_SYNC2
If dual sync mode
enabled: dual SYNC
word byte 2,
Broadcast address.
PCKT_FLT_GOALS1
44
00
7:0
MULTICAST_ADDR/
DUAL_SYNC1
If dual sync mode
enabled: dual SYNC
word byte 1, Multicast
address.
PCKT_FLT_GOALS0
45
00
7:0
TX_SOURCE_ADDR/
DUAL_SYNC0
If dual sync mode
enabled: dual SYNC
word byte 0, Tx packet
source or RX packet
destination field.
TIMERS5
46
01
7:0
RX_TIMER_CNTR
Counter for RX timer.
TIMERS4
47
00
7:0
RX_TIMER_PRESC
Prescaler for RX timer.
TIMERS3
48
01
7:0
LDC_TIMER_PRESC
Prescaler for wake up
timer.
TIMERS2
49
00
7:0
LDC_TIMER_CNTR
Counter for wake up
timer.
TIMERS1
4A
01
7:0
LDC_RELOAD_PRSC
Prescaler value for
reload operation of
wake up timer.
TIMERS0
4B
00
7:0
LDC_RELOAD_CNTR
Counter value for
reload operation of
wake up timer.
IRQ_MASK3
50
00
7:0
INT_MASK[31:24]
Enable the routing of
the interrupt flag on
the configured IRQ
GPIO.
IRQ_MASK2
51
00
7:0
INT_MASK[23:16]
Enable the routing of
the interrupt flag on
the configured IRQ
GPIO.
IRQ_MASK1
52
00
7:0
INT_MASK[15:8]
Enable the routing of
the interrupt flag on
the configured IRQ
GPIO.
IRQ_MASK0
53
00
7:0
INT_MASK[7:0]
Enable the routing of
the interrupt flag on
the configured IRQ
GPIO.
FAST_RX_TIMER
54
28
7:0
RSSI_SETTLING_LIM
IT
Sniff timer
configuration.
PA_POWER8
5A
01
7
RESERVED
-
6:0
PA_LEVEL8
Output power level for
8th slot.
PA_POWER7
5B
0C
7
RESERVED
-
6:0
PA_LEVEL_7
Output power level for
7th slot.
PA_POWER6
5C
18
7
RESERVED
-
6:0
PA_LEVEL_6
Output power level for
6th slot.
PA_POWER5
5D
24
7
RESERVED
-
S2-LPS
Register contents
DS13831 - Rev 1
page 55/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com