Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 30 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 30 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 26Page - STMicroelectronics S2-LPS Datasheet HTML 27Page - STMicroelectronics S2-LPS Datasheet HTML 28Page - STMicroelectronics S2-LPS Datasheet HTML 29Page - STMicroelectronics S2-LPS Datasheet HTML 30Page - STMicroelectronics S2-LPS Datasheet HTML 31Page - STMicroelectronics S2-LPS Datasheet HTML 32Page - STMicroelectronics S2-LPS Datasheet HTML 33Page - STMicroelectronics S2-LPS Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
4.4.5.8.1
RSSI
The received signal strength indicator (RSSI) is a measurement of the received signal power at the antenna
measured in the channel filter bandwidth. The measured RSSI is in steps of 1 dB, from 0 to 255 (1 byte value)
and it is offset in such a way that the number 0 corresponds to -146 dBm, so the register value can be converted
in dBm by subtracting 146. Laboratory calibration may be needed for accurate absolute power measurements.
The RSSI value can be read through two registers: RSSI_LEVEL_CAPTURE and RSSI_LEVEL_RUN. In
particular RSSI_LEVEL_CAPTURE reports the RSSI value captured at the end of the SYNC word detection,
exit from RX state by SABORT command or RX timeout expiration, while RSSI_LEVEL_RUN is the continuous
output of the RSSI filter. The last mode supports the continuous fast SPI reading that means if the CSn signal, of
the SPI interface, is kept low, after the first 16 bits (S2-LP status register), then a new RSSI value will be available
every 8 SPI clock cycles (this mode is the same of the SPI burst mode, but no automatic address increment).
4.4.5.8.2
Carrier sense
The carrier sense functionality can be used to detect if any RF signal is being received, the detection is based
on the measured RSSI value. There are two operational modes for carrier sensing: static and dynamic carrier
sensing.
When static carrier sensing is used (CS_MODE = 0), the carrier sense signal is asserted when the measured
RSSI is above the value specified in the RSSI_TH register and is de-asserted when the RSSI falls 3 dB below the
same threshold.
When dynamic carrier sense is used (CS_MODE = 1, 2, 3), the carrier sense signal is asserted if the signal is
above the threshold and a fast power increase of 6, 12 or 18 dB is detected; it is de-asserted if a power fall of the
same amplitude is detected.
The carrier sense signal is also used internally to the demodulator to start the automatic frequency compensation
and timing recovery algorithms.
The carrier sense function is controlled by the following parameters:
RSSI threshold: this parameter sets the minimum signal power above which the carrier sense signal is
asserted (RSSI_TH register).
CS mode: this parameter controls the carrier sense operational modes.
Table 39. CS mode description
CS_MODE
Description
0
Static carrier sensing
1
Dynamic carrier sensing with 6 dB dynamic threshold
2
Dynamic carrier sensing with 12 dB dynamic threshold
3
Dynamic carrier sensing with 18 dB dynamic threshold
4.4.5.8.3
PQI
The preamble quality indicator (PQI) is intended to provide a measurement of the reliability of the preamble
detected. The PQI is increased by 1 every time a bit inversion occurs, while it is decreased by 4 every time a bit
repetition occurs. The running peak PQI is compared to a threshold value and the preamble valid IRQ is asserted
as soon as the threshold is passed. The preamble quality indicator threshold is 4 x PQI_TH (with PQI_TH = 0, 1,
…15).
4.4.5.8.4
SQI
The synchronization quality indicator (SQI) is a measurement of the best correlation between the received SYNC
word and the expected one. This indicator is calculated as the peak cross-correlation between the received data
stream and the expected SYNC word. If the SQI_EN = 1b, the running peak SQI is compared to a threshold
value and the SYNC valid IRQ is asserted as soon as the threshold is passed. The SYNC quality threshold is
equal to SYNC_LEN – 2 x SQI_TH (with SQI_TH = 0, 1, …7). When SQI_TH = 0b, perfect match is required. It
is recommended the SQI check always enabled. The peak SQI value can be read from the register SQI[5:0] and
represents the peak value from 0 to 32, while the bit SQI[6], when equal to ‘1’ indicates that the SQI peak value
refers to the secondary SYNC word.
S2-LPS
Digital modulator
DS13831 - Rev 1
page 30/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com