Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 13 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 9Page - STMicroelectronics S2-LPS Datasheet HTML 10Page - STMicroelectronics S2-LPS Datasheet HTML 11Page - STMicroelectronics S2-LPS Datasheet HTML 12Page - STMicroelectronics S2-LPS Datasheet HTML 13Page - STMicroelectronics S2-LPS Datasheet HTML 14Page - STMicroelectronics S2-LPS Datasheet HTML 15Page - STMicroelectronics S2-LPS Datasheet HTML 16Page - STMicroelectronics S2-LPS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
Table 14. Crystal oscillator characteristics
Parameter
Test conditions
Min. Typ. Max.
Unit
Crystal frequency
24
-
26
MHz
Frequency tolerance (1)
-
-
± 40
-
ppm
Minimum requirement on external reference phase noise mask
fXO=26 MHz,toavoiddegradationonsynthesizerphase/noise
10 kHz
-
-
-135
dBc/Hz
100 kHz
-
-
-140
1 MHz
-
-
-140
10 MHz
-
-
-140
Programmable trans-conductance of the oscillator at start-up
-
13
-
43
mS
Start-up time (2)
VBAT=1.8 V,
fXO=26 MHz - 100 - µs
1. Including initial tolerance, crystal loading, aging, and temperature dependence. The acceptable crystal tolerance depends
on RF frequency and channel spacing/bandwidth.
2. Start-up times are crystal dependent. The crystal oscillator trans-conductance can be tuned to compensate the variation of
crystal oscillator series resistance.
Table 15. Ultra-low power RC oscillator
Parameter
Test conditions
Typ.
Unit
Calibrated frequency
Calibrated RC oscillator frequency is derived from crystal oscillator
frequency.
33.3 (1) kHz
Frequency accuracy after calibration
-
±1
%
1. Depending on the crystal frequency, the reported value is referring to 50 MHz.
3.8
RF receiver
Characteristics measured over recommended operating conditions unless otherwise specified. All typical values
are referred to 25 °C temperature, VBAT = 3.3 V, no frequency offset in the RX signal. The whole performance is
referred to the STEVAL-FKI433V2, STEVAL-FKI512V1 or STEVAL-FKI868V2 with a 50 Ohm antenna connector.
Table 16. RF receiver characteristics
Parameter
Test conditions
HPM/LPMSMPS
on typ.
Unit
Receiver channel bandwidth
CHF
-
1-800
kHz
RX input return loss
Max. RX gain, tied (RX + TX) matching networks
433 MHz
-15
dB
868 MHz
-15
Saturation 1% BER
2-FSK 1.2 kHz FDEV, DR = 1.2 kbps, CHF = 4 kHz
433 MHz
10
dBm
868 MHz
10
Input third order intercept
point
Interferers are continuous wave @ 6 MHz and 12 MHz
offset from carrier
433 MHz
-25
868 MHz
-25
RX noise figure
Max. RX gain, tied (RX + TX) matching networks
433 MHz
8
dB
868 MHz
8
Differential input impedance at
LNA
Max. RX gain
R // C
433 MHz
200 // 1.5
Ω//pF
868 MHz
200 // 1.5
S2-LPS
RF receiver
DS13831 - Rev 1
page 13/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com