Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 58 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 58 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 54Page - STMicroelectronics S2-LPS Datasheet HTML 55Page - STMicroelectronics S2-LPS Datasheet HTML 56Page - STMicroelectronics S2-LPS Datasheet HTML 57Page - STMicroelectronics S2-LPS Datasheet HTML 58Page - STMicroelectronics S2-LPS Datasheet HTML 59Page - STMicroelectronics S2-LPS Datasheet HTML 60Page - STMicroelectronics S2-LPS Datasheet HTML 61Page - STMicroelectronics S2-LPS Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
VCO_CALIBR_IN0
6B
40
7:0
RESERVED
-
XO_RCO_CONF1
6C
45
7:5
RESERVED
-
4
PD_CLKDIV
1: disable both
dividers of digital clock
(and reference clock
for the SMPS) and IF-
ADC clock.
3:0
RESERVED
-
XO_RCO_CONF0
6D
30
7
EXT_REF
•
0: reference
signal from XO
circuit
•
1: reference
signal from XIN
pin.
6:4
GM_CONF
Set the driver gm of
the XO at start up.
3
REFDIV
1: enable the
the reference clock
divider.
2
RESERVED
-
1
EXT_RCO_OSC
1: the 34.7 kHz signal
must be supplied from
any GPIO.
0
RCO_CALIBRATION
1: enable the
automatic RCO
calibration.
RCO_CALIBR_CONF3
6E
70
7:4
RWT_IN
RWT word value for
the RCO.
3:0
RFB_IN[4:1]
MSB part of RFB word
value for RCO.
RCO_CALIBR_CONF2
6F
4D
7
RFB_IN[0]
LSB part of RFB word
value for RCO.
6:0
RESERVED
-
PM_CONF4
75
17
7:6
RESERVED
-
5
EXT_SMPS
1: disable the internal
SMPS.
4:0
RESERVED
-
PM_CONF3
76
20
7
KRM_EN
•
0: divider by 4
enabled (SMPS'
switching
frequency is
FSW=Fdig/4)
•
1: rate multiplier
enabled (SMPS'
switching
frequency is
FSW=KRM*Fdig
/(2^15).
6:0
KRM[14:8]
Sets the divider
ratio (MSB) of the
rate multiplier (default:
Fsw=Fdig/4)
S2-LPS
Register contents
DS13831 - Rev 1
page 58/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com