Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 52 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 52 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 48Page - STMicroelectronics S2-LPS Datasheet HTML 49Page - STMicroelectronics S2-LPS Datasheet HTML 50Page - STMicroelectronics S2-LPS Datasheet HTML 51Page - STMicroelectronics S2-LPS Datasheet HTML 52Page - STMicroelectronics S2-LPS Datasheet HTML 53Page - STMicroelectronics S2-LPS Datasheet HTML 54Page - STMicroelectronics S2-LPS Datasheet HTML 55Page - STMicroelectronics S2-LPS Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
PCKTCTRL3
2E
20
2
BYTE_SWAP
Select the
transmission order
between MSB and
LSB.
1:0
PREAMBLE_SEL
Select the preamble
pattern.
PCKTCTRL2
2F
00
7:6
RESERVED
-
5
N/A
N/A
4
RESERVED
N/A
3
INT_EN_4G/
START_BIT
•
If the 802.15.4
mode is
enabled, 1:
enable the
interleaving of
802.15.4g
packet.
•
If the UART
packet is
enabled, this is
the value of the
START_BIT
2
MBUS_3OF6_EN
1: enable the
3-out-of-6 encoding/
decoding
1
MANCHESTER_EN
1: enable the
Manchester encoding/
decoding
0
FIX_VAR_LEN
Packet length mode:
•
0: fixed
•
1: variable (in
variable mode
the field
LEN_WID of
PCKTCTRL3
register must be
configured)
PCKTCTRL1
30
2C
7:5
CRC_MODE
CRC field:
•
0: no CRC field
•
1: CRC using
poly 0x07
•
2: CRC using
poly 0x8005
•
3: CRC using
poly 0x1021
•
4: CRC using
poly 0x864CBF
•
5: CRC using
poly
0x04C011BB7
4
RESERVED
Reserved
3:2
TXSOURCE
Tx source data:
•
0: normal mode
•
1: direct through
FIFO
•
2: direct through
GPIO
S2-LPS
Register contents
DS13831 - Rev 1
page 52/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com