Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 10 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 6Page - STMicroelectronics S2-LPS Datasheet HTML 7Page - STMicroelectronics S2-LPS Datasheet HTML 8Page - STMicroelectronics S2-LPS Datasheet HTML 9Page - STMicroelectronics S2-LPS Datasheet HTML 10Page - STMicroelectronics S2-LPS Datasheet HTML 11Page - STMicroelectronics S2-LPS Datasheet HTML 12Page - STMicroelectronics S2-LPS Datasheet HTML 13Page - STMicroelectronics S2-LPS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
3
Specifications
3.1
Absolute maximum ratings
Absolute maximum ratings are those values above which damage to the device may occur. Functional operation
under these conditions is not implied. All voltages refer to GND.
Table 3. Absolute maximum ratings
Parameter
Min.
Typ.
Max.
Unit
Supply and SMPS pins
-0.3
+3.9
V
DC voltage on VREG pins
-0.3
+3.9
DC voltage on digital input pins
-0.3
+3.9
DC voltage on digital output pins
-0.3
+3.9
DC voltage on ground pins
-0.3
+3.9
DC voltage on analog pins
-0.3
+1.8
DC voltage on TX pin
-0.3
+3.9
Storage temperature range
-40
+125
°C
VESD-HBM
-500
+500
V
3.2
Operating range
Table 4. Operating range
Parameter
Min.
Typ.
Max.
Unit
Operating battery supply voltage (VBAT)
1.8(1)
3.0
3.6
V
Operating ambient temperature range
-40
25
+85
°C
1. 2 V when the device works in boost mode with SMPS ON.
3.3
Thermal properties
Table 5. Thermal data
Parameter
QFN24
Unit
Thermal resistance junction-ambient
66
°C/W
3.4
Power consumption
Characteristics measured over recommended operating conditions unless otherwise specified. Typical values
are referred to 25 °C temperature, VBAT = 3.3 V. All performance is referred to the STEVAL-FKI433V2 or
STEVAL-FKI868V2 with a 50 Ohm antenna connector.
S2-LPS
Specifications
DS13831 - Rev 1
page 10/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com