Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 121 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 121 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 117Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 118Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 119Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 120Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 121Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 122Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 123Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 124Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 125Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 121 of 148
Table 141. Serial Port Buffer SFR (SBUF, Address 0x99)
Bit
Mnemonic
Default
Description
[7:0]
SBUF
0
Serial port data buffer.
Table 142. Enhanced Serial Baud Rate Control SFR (SBAUDT, Address 0x9E)
Bit
Mnemonic
Default
Description
7
OWE
0
Overwrite error. This bit is set when new data is received and RI = 1 (Bit 0 in the SCON SFR, Address
0x98). It indicates that SBUF was not read before the next character was transferred in, causing the
prior SBUF data to be lost. Write a 0 to this bit to clear it.
6
FE
0
Frame error. This bit is set when the received frame does not have a valid stop bit. This bit is read
only and is updated every time a frame is received.
5
BE
0
Break error. This bit is set whenever the receive data line (Rx) is low for longer than a full transmission
frame, which is the time required for a start bit, eight data bits, a parity bit, and half a stop bit. This
bit is updated every time a frame is received.
[4:3]
SBTH
0
Extended divider ratio for baud rate setting, as shown in Table 144.
[2:0]
DIV
0
Binary divider (see Table 144).
DIV
Result
000
Divide by 1
001
Divide by 2
010
Divide by 4
011
Divide by 8
100
Divide by 16
101
Divide by 32
110
Divide by 64
111
Divide by 128
Table 143. UART Timer Fractional Divider SFR (SBAUDF, Address 0x9D)
Bit
Mnemonic
Default
Description
7
UARTBAUDEN
0
UART baud rate enable. Set to enable UART timer to generate the baud rate.
When set, the SMOD bit (PCON, Address 0x87[7]), the TCLK bit (T2CON, Address0x88[4]), and the
RCLK bit (T2CON, Address 0xC8[5]) are ignored.
Cleared to let the baud rate be generated as per a standard 8052.
6
Not implemented
Not implemented, write don’t care.
[5:0]
SBAUDF
0
UART timer fractional divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com