Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 120 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 120 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 116Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 117Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 118Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 119Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 120Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 121Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 122Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 123Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 124Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 120 of 148
UART SERIAL INTERFACE
The ADE5166/ADE5169 UART can be configured in one of
four modes.
•
Shift register with baud rate fixed at fCORE/12
•
8-bit UART with variable baud rate
•
9-bit UART with baud rate fixed at fCORE/64 or fCORE/32
•
9-bit UART with variable baud rate
Variable baud rates are defined by using an internal timer to
generate any rate between 300 bauds/sec and 115,200 bauds/sec.
The UART serial interface provided in the ADE5166/ADE5169
is a full-duplex serial interface. It is also receive buffered by storing
the first received byte in a receive buffer until the reception of
the second byte is complete. The physical interface to the UART
is provided via the RxD (P1.0/RxD) and TxD (P1.1/TxD) pins,
and the firmware interface is through the SFRs presented in
Table 139.
Both the serial port receive and transmit registers are accessed
through the serial port buffer SFR (SBUF, Address 0x99).
Writing to SBUF loads the transmit register, and reading SBUF
accesses a physically separate receive register.
An enhanced UART mode is offered by using the UART timer
and by providing enhanced frame error, break error, and overwrite
error detection. This mode is enabled by setting the EXTEN bit
in the configuration SFR (CFG, Address 0xAF) (see the UART
Additional Features section). The enhanced serial baud rate control
SFR (SBAUDT, Address 0x9E) and UART timer fractional
divider SFR (SBAUDF, Address 0x9D) are used to configure the
UART timer and to indicate the enhanced UART errors.
UART SFRs
Table 139. Serial Port SFRs
SFR
Address
Bit Addressable
Description
SCON
0x98
Yes
Serial communications control (see Table 140).
SBUF
0x99
No
Serial port buffer (see Table 141).
SBAUDT
0x9E
No
Enhanced serial baud rate control (see Table 142).
SBAUDF
0x9D
No
UART timer fractional divider (see Table 143).
Table 140. Serial Communications Control SFR (SCON, Address 0x98)
Bit
Bit Address
Mnemonic
Default
Description
[7:6]
0x9F, 0x9E
SM0, SM1
00
UART serial mode select bits. These bits select the serial port operating mode.
SM0, SM1
Result (Selected Operating Mode)
00
Mode 0, shift register, fixed baud rate (fCORE/12)
01
Mode 1, 8-bit UART, variable baud rate
10
Mode 2, 9-bit UART, fixed baud rate (fCORE/32) or (fCORE/16)
11
Mode 3, 9-bit UART, variable baud rate
5
0x9D
SM2
0
Multiprocessor communication enable bit. Enables multiprocessor communication in
Mode 2 and Mode 3, and framing error detection in Mode 1.
In Mode 0, SM2 should be cleared.
In Mode 1, if SM2 is set, RI is not activated if a valid stop bit was not received.
If SM2 is cleared, RI is set as soon as the byte of data is received.
In Mode 2 or Mode 3, if SM2 is set, RI is not activated if the received ninth data bit in RB8 is 0. If
SM2 is cleared, RI is set as soon as the byte of data is received.
4
0x9C
REN
0
Serial port receive enable bit. Set by user software to enable serial port reception.
Cleared by user software to disable serial port reception.
3
0x9B
TB8
0
Serial port transmit (Bit 9). The data loaded into TB8 is the ninth data bit transmitted in
Mode 2 and Mode 3.
2
0x9A
RB8
0
Serial port receiver (Bit 9). The ninth data bit received in Mode 2 and Mode 3 is latched
into RB8. For Mode 1, the stop bit is latched into RB8.
1
0x99
TI
0
Serial port transmit interrupt flag. Set by hardware at the end of the eighth bit in Mode 0 or
at the beginning of the stop bit in Mode 1, Mode 2, and Mode 3.
TI must be cleared by user software.
0
0x98
RI
0
Serial port receive interrupt flag. Set by hardware at the end of the eighth bit in Mode 0 or
halfway through the stop bit in Mode 1, Mode 2, and Mode 3.
RI must be cleared by user software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com