Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 116 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 116 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 112Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 113Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 114Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 115Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 116Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 117Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 118Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 119Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 120Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 116 of 148
RTC REGISTERS
Table 134. RTC Register List
Address
RTCPTR[4:0]
Mnemonic
R/W
Length
Signed/
Unsigned
Default
Value
Description
0x00
Reserved
N/A
N/A
N/A
N/A
Reserved.
0x01
HTHSEC
R/W
8
U
0
This counter updates every 1/128 second, referenced from the
calibrated 32.768 kHz clock. It overflows from 127 to 00,
incrementing the seconds counter, SEC.
0x02
SEC
R/W
8
U
0
This counter updates every second, referenced from the calibrated
32.768 kHz clock. It overflows from 59 to 00, incrementing the
minutes counter, MIN.
0x03
MIN
R/W
8
U
0
This counter updates every minute, referenced from the calibrated
32.768 kHz clock. It overflows from 59 to 00, incrementing the
hours counter, HOUR.
0x04
HOUR
R/W
8
U
0
This counter updates every hour, referenced from the calibrated
32.768 kHz clock. It overflows from 23 to 00, incrementing the DAY
and DATE counters.
0x05
DAY
R/W
8
U
0
This counter updates every day, referenced from the calibrated
32.768 kHz clock. It overflows from 6 to 0.
0x06
DATE
R/W
8
U
1
This counter updates every day, referenced from the calibrated
32.768 kHz clock. It overflows from 28/29/30 or 31 to 01, depending on
the month, incrementing the month counter, MONTH.
0x07
MONTH
R/W
8
U
1
This counter starts at 1 and updates every month, referenced from
the calibrated 32.768 kHz clock. It overflows from 12 to 01,
incrementing the year counter, YEAR.
0x08
YEAR
R/W
8
U
0
This counter updates every year, referenced from the calibrated
32.768 kHz clock.
0x09
INTVAL
R/W
8
U
0
The interval timer counts according to the timebase established in the
ITS bits of the RTC Configuration SFR (TIMECON, Address 0xA1[5:4]).
When the number of counts is equal to INTVAL, the ITFLAG flag is set
and a pending RTC interrupt is created, if enabled. Note that the inter-
val counter is eight bits, so it could count up to 255 sec, for example.
0x0A
AL_SEC
R/W
8
U
0
Alarm second register. When this register matches the SEC register
and the ALSEC_EN bit (TIMECON2, Address 0xA2[0]) is set, the
ALFLAG is issued if all other enabled alarms match their corre-
sponding timekeeping register. If enabled, a pending RTC interrupt
is generated.
0x0B
AL_MIN
R/W
8
U
0
Alarm minute register. When this register matches the MIN register
and the ALMIN_EN bit (TIMECON2, Address 0xA2[1]) is set, the
ALFLAG is issued if all other enabled alarms match their corre-
sponding timekeeping register. If enabled, a pending RTC interrupt
is generated.
0x0C
AL_HOUR
R/W
8
U
0
Alarm hour register. When this register matches the HOUR register
and the ALHR_EN bit (TIMECON2, Address 0xA2[2]) is set, the
ALFLAG is issued if all other enabled alarms match their corre-
sponding timekeeping register. If enabled, a pending RTC interrupt
is generated.
0x0D
AL_DAY
R/W
8
U
0
Alarm day register. When this register matches the DAY register
and the ALDAY_EN bit (TIMECON2, Address 0xA2[3]) is set, the
ALFLAG is issued if all other enabled alarms match their corre-
sponding timekeeping registers. If enabled, a pending RTC
interrupt is generated.
0x0E
AL_DATE
R/W
8
U
0
Alarm date register. When this register matches the DATE register
and the ALDAT_EN bit (TIMECON2, Address 0xA2[4]) is set, the
ALFLAG is issued if all other enabled alarms match their corre-
sponding timekeeping registers. If enabled, a pending RTC
interrupt is generated.
0x0F
RTC_CAL
R/W
8
U
0
Configuration of the RTC calibration output (see Table 135).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com