Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 112 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 112 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 108Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 109Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 110Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 111Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 112Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 113Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 114Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 115Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 112 of 148
REAL-TIME CLOCK (RTC)
The ADE5166/ADE5169 have an embedded RTC (see Figure 98).
The external 32.768 kHz crystal is used as the clock source for
the RTC. Calibration is provided to compensate the nominal
crystal frequency and for variations in the external crystal fre-
quency over temperature. By default, the RTC is active in all the
power saving modes. The RTC counters retain their values
through watchdog resets and external resets and are reset only
during a power-on reset.
The ADE5166/ADE5169 provide two ways to access the RTC
data: by direct access through SFRs for configuration and by
indirect access through address and data SFRs for the timekeeping
registers and some other configurations. The address and data
SFRs act as pointers to the RTC internal registers.
ACCESS TO RTC SFRs
Access to the RTC SFRs is achieved by reading or writing to the
SFR addresses that are detailed in the Access to Internal RTC
Registers section. Writing to the indirect registers is protected
by a key, as explained in the Writing to Internal RTC Registers
section. Reading is not protected.
ACCESS TO INTERNAL RTC REGISTERS
Access to the internal RTC measurement registers is achieved by
writing to the RTC pointer address SFR (RTCPTR, Address 0xA3).
The RTCPTR register selects the RTC register to be accessed
and determines if a read or a write is performed (see Table 129).
Writing to Internal RTC Registers
The RTC circuitry runs off a 32.768 kHz clock. The timekeeping
registers, HTHSEC, SEC, MIN, HOUR, DAY, DATE, MONTH,
and YEAR are updated with a 32.768 kHz clock. However, the
TIMECON (Address 0xA1) and TIMECON2 (Address 0xA2)
SFRs and the INTVAL register (Address 0x09) are updated with
a 128 Hz clock. It takes up to two 128 Hz clock cycles from when
the MCU writes the TIMECON, TIMECON2, or INTVAL SFRs
until they are successfully updated in the RTC.
When the RTCW_RB bit of the RTCPTR SFR (Address 0xA3)
is set, the content of the RTCDAT SFR (Address 0xA4) is
transferred to the internal RTC register designated by the
address in the RTCPTR SFR. To protect the RTC timekeeping
registers from runaway code, a key must be written to the
KYREG SFR (Address 0xC1) to obtain write access to any of the
RTC indirect registers. The KYREG should be set to 0xEA to
unlock the timekeeping registers and is reset to zero after a
timekeeping register is written.
The RTC registers can be written using the following 8052
assembly code:
MOV
RTCKey, #0EAh
CALL
UpdateRTC
…
UpdateRTC:
MOV
KYREG, RTCKey
MOV
RTCDAT, #30
MOV
RTCPTR, #82h
MOV
KYREG, RTCKey
MOV
RTCDAT, #05
MOV
RTCPTR, #83h
MOV
KYREG, RTCKey
MOV
RTCDAT, #04
MOV
RTCPTR, #84h
MOV
RTCKey, #00h
RET
Reading Internal Energy Measurement Registers
When Bit 7 of the RTCPTR SFR is cleared, the content of the
internal RTC data register designated by the address in RTCPTR
is transferred to the RTCDAT SFR. The RTC cannot be stopped
to read the current time because stopping the RTC introduces
an error in its timekeeping. Therefore, the RTC is read on-the-fly,
and the counter registers must be checked for overflow. This
can be accomplished using the following 8052 assembly code:
ReadAgain:
MOV
RTCPTR #01
; Read HTHSEC using Bank
0
MOV
R0, RTCDAT
MOV
RTCPTR, #02
; Read SEC
MOV
R1, RTCDAT
MOV
RTCPTR, #03
; Read MIN
MOV
R2, RTCDAT
MOV
RTCPTR, #04
; Read HOUR
MOV
R3, RTCDAT
MOV
RTCPTR, #01
; Read HTHSEC
MOV
A, RTCDAT
CJNE
A, 00h, ReadAgain
; 00h is R0 in
Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com