Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 111 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 111 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 107Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 108Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 109Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 110Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 111Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 112Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 113Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 114Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 111 of 148
PLL
The ADE5166/ADE5169 are intended for use with a 32.768 kHz
watch crystal. A PLL locks onto a multiple of this frequency to
provide a stable 4.096 MHz clock for the system. The core can
operate at this frequency or at binary submultiples of it to allow
power savings when maximum core performance is not required.
The default core clock is the PLL clock divided by 4, or 1.024 MHz.
The ADE energy measurement clock is derived from the PLL
clock and is maintained at 4.096 MHz/5 MHz (or 819.2 kHz)
across all CD settings.
The PLL is controlled by the CD[2:0] bits in the power control
SFR (POWCON, Address 0xC5). To protect erroneous changes
to the POWCON SFR, a key is required to modify the register.
First, the key SFR (KYREG, Address 0xC1) is written with the
key, 0xA7, and then a new value is written to the POWCON SFR.
If the PLL loses lock, the MCU is reset and the PLL_FLT bit
(Bit 4) is set in the peripheral configuration SFR (PERIPH,
Address 0xF4). Set the PLLACK bit in the start ADC measurement
SFR (ADCGO, Address 0xD8) to acknowledge the PLL fault,
clearing the PLL_FLT bit.
PLL REGISTERS
Table 124. Power Control SFR (POWCON, Address 0xC5)
Bit
Mnemonic
Default
Description
7
Reserved
1
Reserved.
6
METER_OFF
0
Set this bit to 1 to turn off the modulators and energy metering DSP circuitry to reduce power if
metering functions are not needed in PSM0.
5
Reserved
0
This bit should be kept at 0 for proper operation.
4
COREOFF
0
Set this bit to 1 to shut down the core if in the PSM1 operating mode.
3
Reserved
Reserved.
[2:0]
CD
010
Controls the core clock frequency (fCORE). fCORE = 4.096 MHz/2CD.
CD
Result (fCORE in MHz)
000
4.096
001
2.048
010
1.024
011
0.512
100
0.256
101
0.128
110
0.064
111
0.032
Writing to the Power Control SFR (POWCON, Address 0xC5)
Note that writing data to the POWCON SFR involves writing 0xA7 into the key SFR (KYREG, Address 0xC1), followed by a write to the
POWCON SFR.
Table 125. Key SFR (KYREG, Address 0xC1)
Bit
Mnemonic
Default
Description
[7:0]
KYREG
0
Write 0xA7 to the KYREG SFR before writing to the POWCON SFR to unlock it.
Write 0xEA to the KYREG SFR before writing to the INTPR, HTHSEC, SEC, MIN, or HOUR timekeeping
registers to unlock them (see the RTC Registers section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com