Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 113 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 113 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 109Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 110Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 111Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 112Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 113Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 114Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 115Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 116Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 117Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 113 of 148
8-BIT
PRESCALER
HUNDREDTHS COUNTER
HTHSEC
SECOND COUNTER
SEC
MINUTE COUNTER
MIN
HOUR COUNTER
HOUR
ITEN
RTC INTERRUPT
8-BIT
INTERVAL COUNTER
INTVAL
INTERVAL
TIMEBASE
SELECTION
MUX
32.768kHz
CRYSTAL
ITS1 ITS0
EQUAL?
CALIBRATION
RTCCOMP
TEMPCAL
CALIBRATED
32.768kHz
ALARM SECOND
ALSEC
DAY COUNTER
DAY
DAY COUNTER
DATE
MONTH COUNTER
MONTH
YEAR COUNTER
YEAR
EQUAL?
ALARM MINUTE
ALMIN
EQUAL?
ALARM HOUR
ALHOUR
EQUAL?
ALARM DAY
ALDAY
EQUAL?
ALARM DATE
ALDATE
EQUAL?
ALDAT_EN
ALDAY_EN
ALHR_EN
ALMIN_EN
ALSEC_EN
ALINT_EN
ALFLAG
COMPENSATION
TEMPERATURE
ADC
XTALOS
XTALG2 XTALG1
+
_
(x)2
AUTOCOMPEN
Figure 98. RTC Implementation
RTC SFRs
Table 126. List of RTC SFRs
SFR
Address
Bit Addressable
Description
TIMECON
0xA1
No
RTC configuration (see Table 127).
TIMECON2
0xA2
No
RTC Configuration 2 (see Table 128).
RTCPTR
0xA3
No
RTC pointer address (see Table 129).
RTCDAT
0xA4
No
RTC pointer data (see Table 130).
KYREG
0xC1
No
Key (see Table 133).
RTCCOMP
0xF6
No
RTC nominal compensation (see Table 131).
TEMPCAL
0xF7
No
RTC temperature compensation (see Table 132). This is a read only register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com