Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
Electrical Characteristics
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
21
Figure 3 illustrates the power up sequence as described above.
Figure 3. MPC8610 Power Up Sequencing
VDD_PLAT, AVDD_PLAT
OVDD
Time
2.5 V
3.3 V
0
Reset
Configuration Pins
HRESET (& TRST)
Asserted for
100
μs4
VDD Stable
Power Supply Ramp Up 2
Notes:
1. Dotted waveforms correspond to optional supply values for a specified power supply. See Table 3.
2. Ther recommended maximum ramp up time for power supplies is 20 milliseconds.
3. Refer to Section 2.5, “RESET Initialization” for additional information on PLL relock and reset signal
assertion timing requirements.
4. Refer to Table 9 for additional information on reset configuration pin setup timing requirements. In
addition see Figure 53 regarding HRESET and JTAG connection details including TRST.
5. e600 PLL relock time is 100 microseconds maximum plus 255 MPX_clk cycles.
6. Stable PLL configuration signals are required as stable SYSCLK is applied. All other POR configuration
inputs are required 4 SYSCLK cycles before HRESET negation and are valid at least 2 SYSCLK cycles
after HRESET has negated (hold requirement). See Section 2.5, “RESET Initialization,” for more
information on setup and hold time of reset configuration signals.
7. The rail for VDD_PLAT, AVDD_PLAT, VDD_Core, AVDD_Core, AVDD_PCI, SnVDD, XnVDD, and SDnAVDD
must reach 90% of its value before the rail for GVDD and MVREF reaches 10% of its value.
8. SYSCLK must be driven only AFTER the power for the various power supplies is stable.
9. The reset configuration signals for DRAM types must be valid before HRESET is asserted.
e6005
AVDD_PCI, SnVDD, XnVDD
VDD_Core, AVDD_Core
SD
nAVDD
1.8 V
GVDD, = 1.8/2.5 V
MVRE
F
SYSCLK8 (not drawn to scale)
7
PLL
9
Cycles Setup and Hold Time 6
100 µs Platform PLL
Relock Time3
1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com