Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
Electrical Characteristics
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
17
2.1.2
Recommended Operating Conditions
Table 3 provides the recommended operating conditions for the MPC8610. Note that the values in Table 3 are the recommended
and tested operating conditions. Proper device operation outside of these conditions is not guaranteed. For details on order
information and specific operating conditions for parts, see Section 4.3, “Ordering Information.”
Storage temperature range
TSTG
–55 to 150
°C
Notes:
1 Functional and tested operating conditions are given in Table 3. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2 During run time (M, B, O)V
IN and MVREF may overshoot/undershoot to a voltage and for a maximum duration as shown in
Table 2.
Table 3. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltages
VDD_Core
1.025 ± 50 mV
V
1
1.00 ± 50 mV
2
Core PLL supply
AVDD_Core
1.025 ± 50 mV
V
1, 3
1.00 ± 50 mV
2, 3
SerDes receiver and core power supply (ports 1 and 2)
S1VDD
S2VDD
1.025 ± 50 mV
V
1, 4
1.00 ± 50 mV
2
SerDes transmitter power supply (ports 1 and 2)
X1VDD
X2VDD
1.025 ± 50 mV
V
1
1.00 ± 50 mV
2
SerDes digital logic power supply (ports 1 and 2)
L1VDD
L2VDD
1.025 ± 50 mV
V
1
1.00 ± 50 mV
2
Serdes PLL supply voltage (ports 1 and 2)
SD1AVDD
SD2AVDD
1.025 ± 50 mV
V
1, 3
1.00 ± 50 mV
2, 3
Platform supply voltage
VDD_PLAT
1.025 ± 50 mV
V
1
1.00 ± 50 mV
2
PCI and platform PLL supply voltage
AVDD_PCI
AVDD_PLAT
1.025 ± 50 mV
V
1, 3
1.00 ± 50 mV
2, 3
DDR and DDR2 SDRAM I/O supply voltages
GVDD
2.5 V ± 125 mV,
1.8 V ± 90 mV
V
5
Local bus and SSI I/O voltage
BVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
1.8 V ± 90 mV
V
Table 2. Absolute Maximum Ratings1 (continued)
Characteristic
Symbol
Recommended
Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com