Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Electrical Characteristics
Freescale Semiconductor
40
The DELTA_X and DELTA_Y parameters are programmed via the DISP_SIZE register. The PW_H, BP_H, and FP_H
parameters are programmed via the HSYN_PARA register; and the PW_V, BP_V, and FP_V parameters are programmed via
the VSYN_PARA register.
Figure 14 depicts the synchronous display interface timing for access level, and Table 29 lists the timing parameters.
Figure 14. LCD Interface Timing Diagram—Access Level
NOTE
The DIU_OUT_CLK edge and phase delay is selectable via the Global Utilities CKDVDR
register.
2.9
I2C
This section describes the DC and AC electrical characteristics for the I
2C interfaces of the MPC8610.
2.9.1
I2C DC Electrical Characteristics
Table 30 provides the DC electrical characteristics for the I
2C interfaces.
Table 29. LCD Interface Timing Parameters—Access Level
Parameter
Symbol
Min
Typ
Max
Unit
LCD interface pixel clock high time
tCKH
0.35
× tPCP
0.5
× tPCP
0.65
× tPCP
ns
LCD interface pixel clock low time
tCKL
0.35
× tPCP
0.5
× tPCP
0.65
× tPCP
ns
LCD interface pixel clock to ouput valid
tDIUKHOV
——
2
ns
LCD interface output hold from pixel clock
tDIUKHOX
tPCP – 2
—
—
ns
Table 30. I2C DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage level
VIH
0.7
× OVDD
OVDD +0.3
V
Input low voltage level
VIL
–0.3
0.3
× OVDD
V
Low level output voltage
VOL
00.2
× OVDD
V1
Pulse width of spikes which must be suppressed by the
input filter
tI2KHKL
050
ns
2
tCKH
DIU_HSYNC
DIU_VSYNC
DIU_DE
DIU_CLK_OUT
tDIUKHOV
tCKL
DIU_LD
tDIUKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com