Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
Pin Assignments and Reset States
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
13
SGND
A5, A8, A13, A17, A21, B15, B19, C4, C9,
C12, C16, C20, C22, D6, D9, D10, D11,
D14, D18, D22, E5, E6, E7, E8, E9, E10,
E13, E14, E15, E16, E17, E18, E19, E20
Ground pins for
SVDD
XGND
E12, F9, F15, F19, F23, G13, G17, G21,
H10, H16, H20, J8, J12, J14, J18, K8, K9,
K11, K15, K17, K19, K21
Ground pins for
XVDD
Reset Configuration Signals15
LAD[0:31]
cfg_gpinout[0:31]
AA21, AA22, AA23, Y21, Y22, Y23, Y24,
W23, W24, W25, V28, V27, V25, V23, V21,
W22, U28, U26, U24, U22, U23, U20, U21,
W20, V20, T24, T25, T27, T26, T21, T22,
T23
—BVDD
LA10/SSI1_TXD
cfg_ssi_la_sel
P19
—
BVDD
LA[25:26]
cfg_elbc_clkdiv[0:1]
M23, N23
—
BVDD
LA27
cfg_cpu_boot
N24
—
BVDD
DIU_LD[10], LA[28:31]
cfg_sys_pll[0:4]
R6, M26, N20, N21, N22
—
BVDD
LWE0/LFWE/LBS0
cfg_pci_speed
T19
—
BVDD
LWE/LBS[1:3]
cfg_host_agt[0:2]
T20, W19, T18
—
BVDD
LBCTL, LALE,
LGPL2/LOE/LFRE,
DIU_LD4
cfg_core_pll[0:3]
T28, R28, L21, W4
—
BVDD
LGPL0/LFCLE
cfg_net2_div
L19
—
BVDD
12
LGPL1/LFALE
cfg_pci_clk
L20
—
BVDD
LGPL3/LFWP, LGPL5
cfg_boot_seq[0:1]
L22, L24
—
BVDD
DIU_LD[0]
cfg_elbc_ecc
V6
—
OVDD
DIU_LD[7:9]
cfg_io_ports[0:2]
U5, T7, R4
—
OVDD
DIU_LD[11:12]
cfg_dram_type[0:1]
R7, R8
—
OVDD
Table 1. Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com