Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Electrical Characteristics
Freescale Semiconductor
22
2.3
Power Characteristics
The power dissipation for the MPC8610 device is shown in Table 5.
The estimated maximum power dissipation for individual power supplies of the MPC8610 is shown in Table 6.
Table 5. MPC8610 Power Dissipation
Power Mode
Core/Platform
Frequency
(MHz)
VDD_Core,
VDD_PLAT
(V)
Junction
Temperature
(°C)
Power
(Watts)
Notes
Typical
1333/533
1.025
65
10.7
1, 2
Thermal
105
12.1
1, 3
Maximum
16
1, 4
Typical
1066/533
1.00
65
8.4
1, 2
Thermal
105
9.8
1, 3
Maximum
13
1, 4
Typical
800/400
1.00
65
5.8
1, 2
Thermal
105
7.2
1, 3
Maximum
9.5
1, 4
Notes:
1. These values specify the power consumption at nominal voltage and apply to all valid processor bus frequencies and
configurations. The values do not include power dissipation for I/O supplies.
2. Typical power is an average value measured at the nominal recommended core voltage (VDD_Core) and 65°C junction
temperature (see Table 3) while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz with the core
at 100% efficiency. This parameter is not 100% tested but periodically sampled.
3. Thermal power is the average power measured at nominal core voltage (VDD_Core) and maximum operating junction
temperature (see Table 3) while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz on the core
and a typical workload on platform interfaces. This parameter is not 100% tested but periodically sampled.
4. Maximum power is the maximum power measured at nominal core voltage (VDD_Core) and maximum operating junction
temperature (see Table 3) while running a test which includes an entirely L1-cache-resident, contrived sequence of
instructions which keep all the execution units maximally busy on the core.
Table 6. MPC8610 Individual Supply Maximum Power Dissipation1
Component Description
Supply Voltage
(V)
Est. Power
(Watts)
Notes
Core voltage supply
VDD_Core = 1.025 V @ 1333 MHz
14.0
VDD_Core = 1.00 V @ 1066 MHz
12.0
Core PLL voltage supply
AVDD_Core = 1.025 V @ 1333 MHz
0.0125
AVDD_Core = 1.00 V @ 1066 MHz
0.0125
Platform source supply
VDD_PLAT = 1.025 V @ 1333 MHz
4.5
VDD_PLAT = 1.00 V @ 1066 MHz
4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com