Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Electrical Characteristics
Freescale Semiconductor
18
LCD, PCI, general timer, MPIC, IrDA, DUART, DMA, interrupts, system
control and clocking, debug, test, JTAG, power management, I2C, SPI,
and miscellaneous I/O voltage
OVDD
3.3 V ± 165 mV
V
6
Input voltage
DDR and DDR2 SDRAM signals
MVIN
(GND – 0.3) to
(GVDD +0.3)
V
7, 5
DDR and DDR2 SDRAM reference
MVREF
(GND – 0.3) to
(GVDD/2 + 0.3)
V
7
Local Bus I/O voltage
BVIN
(GND – 0.3) to
(BVDD +0.3)
7
LCD, PCI, general purpose timer, MPIC, IrDA,
DUART, DMA, interrupts, system control and
clocking, debug, test, JTAG, power management,
I2C, SPI, and miscellaneous I/O voltage
OVIN
(GND – 0.3) to
(OVDD +0.3)
V
7, 6
Junction temperature range
TJ
0 to 105
°C
–40 to 105
8
Notes:
1 Applies to devices marked with a core frequency of 1333 MHz. Refer to Table Part Numbering Nomenclature to determine if
the device has been marked for a core frequency of 1333 MHz.
2 Applies to devices marked with a core frequency below 1333 MHz. Refer to Table Part Numbering Nomenclature to determine
if the device has been marked for a core frequency below 1333 MHz.
3 AVDD measurements are made at the input of the R/C filter described in Section 3.2.1, “PLL Power Supply Filtering,” and not
at the processor pin.
4 PCI Express interface of the device is expected to receive signals from 0.175 to 1.2 V. Refer to Section 2.18.4.3, “Differential
Receiver (RX) Input Specifications,” for more information.
5 Caution: MV
IN must meet the overshoot/undershoot requirements for GVDD as shown in Figure 2.
6 Caution: OV
IN must meet the overshoot/undershoot requirements for OVDD as shown in Figure 2.
7 Timing limitations for (M, B, O) V
IN and MVREF during regular run time is provided in Figure 2.
8 Applies to devices marked MC8610TxxyyyyMz for extended temperature range. Note that MC8610Txx1333Jz is not offered.
Table 3. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended
Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com