Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
Electrical Characteristics
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
39
Figure 13 depicts the vertical timing (timing of one frame), including both the vertical sync pulse and the data. All parameters
shown in the diagram are programmable.
Figure 13. TFT DIU/LCD Interface Timing Diagram—Vertical Sync Pulse
Table 28 shows timing parameters of signals presented in Figure 12 and Figure 13.
Table 28. DIU Interface AC Timing Parameters—Pixel Level
Parameter
Symbol
Value
Unit
Notes
Display pixel clock period
tPCP
7.5 (minimum)
ns
1, 2
1 Display interface pixel clock period immediate value (in nanoseconds).
2 Display pixel clock frequency must also be less than or equal to 1/3 the platform clock.
HSYNC width
tPWH
PW_H
× tPCP
ns
HSYNC back porch width
tBPH
BP_H
× tPCP
ns
HSYNC front porch width
tFPH
FP_H
× tPCP
ns
Screen width
tSW
DELTA_X
× tPCP
ns
HSYNC (line) period
tHSP
(PW_H + BP_H + DELTA_X + FP_H)
× tPCP
ns
VSYNC width
tPWV
PW_V
× tHSP
ns
HSYNC back porch width
tBPV
BP_V
× tHSP
ns
HSYNC front porch width
tFPV
FP_V
× tHSP
ns
Screen height
tSH
DELTA_Y
× tHSP
ns
VSYNC (frame) period
tVSP
(PW_V + BP_V + DELTA_Y + FP_H)
× tHSP
ns
Notes:
1
2
3
DELTA_Y
Tpwv
Tbpv
Tsh
Tfpv
DIU_HSYNC
DIU_LD
DIU_VSYNC
DIU_DE
Thsp
1
(Line Data)
Start of Frame
Invalid Data
Invalid Data
Tvsp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com