Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Hardware Design Considerations
Freescale Semiconductor
78
•
SerDes—Receiver lanes configured for PCI Express are allowed to be disconnected (as would occur when a PCI
Express slot is connected but not populated). Directions for terminating the SerDes signals is discussed in Section 3.10,
“Guidelines for High-Speed Interface Termination.”
3.6
Pull-Up and Pull-Down Resistor Requirements
The MPC8610 requires weak pull-up resistors (2–10 k
Ω is recommended) on open drain type pins including I2C pins and PIC
interrupt pins.
Correct operation of the JTAG interface requires configuration of a group of system control pins as demonstrated in Figure 53.
Care must be taken to ensure that these pins are maintained at a valid deasserted state under normal operating conditions as most
have asynchronous behavior and spurious assertion will give unpredictable results.
Refer to the PCI 2.3 specification for all pull-ups required for PCI.
The following pins must not be pulled down during power-on reset: DIU_LD[5:6], MSRCID[1:2], HRESET_REQ, and
TRIG_OUT/READY.
The following are factory test pins and require strong pull up resistors (100
Ω – 1 kΩ) to OVDD: LSSD_MODE,
TEST_MODE[0:3].
The following pins require weak pull-up resistors (2–10 k
Ω) to their specific power supplies: LCS[0:4], LCS[5]/DMA_DREQ2,
LCS[6]/DMA_DACK[2], LCS[7]/DMA_DDONE[2], IRQ_OUT, IIC1_SDA, IIC1_SCL, IIC2_SDA, IIC2_SCL, and
CKSTP_OUT.
The following pins should be pulled to ground with a 100-
Ω resistor: SD1_IMP_CAL_TX, SD2_IMP_CAL_TX. The following
pins should be pulled to ground with a 200-
Ω resistor: SD1_IMP_CAL_RX, SD2_IMP_CAL_RX.
When the platform frequency is 400 MHz, cfg_platform_freq must be pulled down at reset. Also, cfg_dram_type[0 or 1] must
be valid at power-up even before HRESET assertion.
For other pin pull-up or pull-down recommendations of signals, see Section 1.1, “Pin Assignments.”
3.7
Output Buffer DC Impedance
The MPC8610 drivers are characterized over process, voltage, and temperature. For all buses, the driver is a push-pull
single-ended driver type (open drain for I
2C).
To measure Z0 for the single-ended drivers, an external resistor is connected from the chip pad to OVDD or GND. Then, the
value of each resistor is varied until the pad voltage is OVDD/2 (see Figure 51). The output impedance is the average of two
components, the resistances of the pull-up and pull-down devices. When data is held high, SW1 is closed (SW2 is open) and
RP is trimmed until the voltage at the pad equals OVDD/2. RP then becomes the resistance of the pull-up devices. RP and RN
are designed to be close to each other in value. Then, Z0 = (RP + RN)/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com