Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Electrical Characteristics
Freescale Semiconductor
48
Figure 20 provides the SSI receiver timing with external clock.
Figure 20. SSI Receiver with External Clock Timing Diagram
2.13
Global Timer Module
This section describes the DC and AC electrical specifications for the global timer module (GTM) of the MPC8610.
2.13.1
GTM DC Electrical Characteristics
Table 39 provides the DC electrical characteristics for the MPC8610 global timer module pins, including GTMn_TINn,
GTMn_TOUTn, GTMn_TGATEn, and RTC.
(Tx/Rx) CK clock fall time
SS26
—
6.0
ns
(Rx) CK high to FS high
SS32
–10.0
15.0
ns
(Rx) CK high to FS low
SS34
10.0
—
ns
(Tx/Rx) external FS rise time
SS35
—
6.0
ns
(Tx/Rx) external FS fall time
SS36
—
6.0
ns
SRXD setup time before (Rx) CK low
SS40
10.0
—
ns
SRXD hold time after (Rx) CK low
SS41
2.0
—
ns
Table 39. GTM DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current (VIN
1 = 0 V or V
IN = VDD)IIN
—±5
μA
High-level output voltage (OVDD = min, IOH = –100 μA)
VOH
OVDD – 0.2
—
V
Table 38. SSI Receiver with External Clock Timing Parameters (continued)
Parameter
Symbol
Min
Max
Unit
SS24
SS34
SS35
SS26
SS25
SS23
SSIn_TCK
SSIn_RFS
SSIn_RXD
SS40
SS22
SS32
SS36
SS41
(Input)
(Input)
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com