Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
Pin Assignments and Reset States
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
7
UART_SOUT0/SPIMISO
H25
O
OVDD
23
UART_CTS0/GPIO2[6]
G24
I
OVDD
23
UART_RTS0
G26
O
OVDD
20
UART_SIN1/IR2_RXD/
GPIO2[7]
F25
I
OVDD
23
UART_SOUT1/IR2_TXD
H24
O
OVDD
23
UART_CTS1/GPIO2[8]
C23
I
OVDD
23
UART_RTS1D23
O
OVDD
IrDA Signals4
IR1_TXD/GPIO2[13]
F27
O
OVDD
23
IR1_RXD/GPIO2[14]
E26
I
OVDD
23
IR_CLKIN
F28
I
OVDD
IR2_TXD/UART_SOUT1
H24
O
OVDD
23
IR2_RXD/UART_SIN1/
GPIO2[7]
F25
I
OVDD
23
SPI Signals
SPIMOSI/UART_SIN0/
GPIO2[5]
K24
I/O
OVDD
23
SPIMISO/UART_SOUT0
H25
I/O
OVDD
23
SPISEL/IIC2_SDA/
GPIO2[12]
E27
I
OVDD
23
SPICLK/IIC2_SCL/
GPIO2[11]
E28
I
OVDD
23
SSI Signals3, 6
SSI1_RXD/LA15
R19
I
BVDD
23
SSI1_TXD/LA10
P19
O
BVDD
23
SSI1_RFS/LA14
R18
I/O
BVDD
23
SSI1_TFS/LA11
M27
I/O
BVDD
23
SSI1_RCK/LA13
P28
I/O
BVDD
23
SSI1_TCK/LA12
U18
I/O
BVDD
23
SSI2_RXD/LA21
P21
I
BVDD
23
SSI2_TXD/LA16
R20
O
BVDD
23
SSI2_RFS/LA20
P20
I/O
BVDD
23
SSI2_TFS/LA17
M18
I/O
BVDD
23
SSI2_RCK/LA19
N27
I/O
BVDD
23
Table 1. Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com