Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Hardware Design Considerations
Freescale Semiconductor
76
3.2
Power Supply Design and Sequencing
3.2.1
PLL Power Supply Filtering
Each of the PLLs listed above is provided with power through independent power supply pins (AVDD_Plat, AVDD_Core,
AVDD_PCI, and SDnAVDD, respectively). The AVDD level should always be equivalent to VDD, and preferably these voltages
will be derived directly from VDD through a low frequency filter scheme such as the following.
There are a number of ways to reliably provide power to the PLLs, but the recommended solution is to provide independent
filter circuits per PLL power supply, one to each of the AVDD type pins. By providing independent filters to each PLL the
opportunity to cause noise injection from one PLL to the other is reduced.
This circuit is intended to filter noise in the PLLs resonant frequency range from a 500 kHz to 10 MHz range. It should be built
with surface mount capacitors with minimum effective series inductance (ESL). Consistent with the recommendations of
Dr. Howard Johnson in High Speed Digital Design: A Handbook of Black Magic (Prentice Hall, 1993), multiple small
capacitors of equal value are recommended over a single large value capacitor.
Each circuit should be placed as close as possible to the specific AVDD type pin being supplied to minimize noise coupled from
nearby circuits. It should be possible to route directly from the capacitors to the AVDD type pin, which is on the periphery of
783 FC-PBGA the footprint, without the inductance of vias.
Figure 48 shows the filter circuit for the platform PLL power supplies (AVDD_PLAT).
Figure 48. MPC8610 PLL Power Supply Filter Circuit (for Platform)
Figure 49 shows the filter circuit for the core PLL power supply (AVDD_Core).
Figure 49. MPC8610 PLL Power Supply Filter Circuit (for Core)
The SDnAVDD signals provide power for the analog portions of the SerDes PLLs. To ensure stability of the internal clock, the
power supplied to the PLL is filtered using a circuit similar to the one shown in Figure 50. For maximum effectiveness, the filter
circuit is placed as closely as possible to the SDnAVDD balls to ensure it filters out as much noise as possible. The ground
connection should be near the SDnAVDD balls. The 0.003-µF capacitor is closest to the balls, followed by the two 2.2-µF
capacitors, and finally the 1 ohm resistor to the board supply plane. The capacitors are connected from SDnAVDD to the ground
plane. Use ceramic chip capacitors with the highest possible self-resonant frequency. All traces should be kept short, wide and
direct.
Figure 50. SerDes PLL Power Supply Filter
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
10
Ω
AVDD_Plat
VDD_PLAT
VDD_Core
AVDD_Core
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
10
Ω
2.2 µF 1
0.003 µF
GND
1.0
Ω
SD
nAVDD
1. An 0805 sized capacitor is recommended for system initial bring-up.
SVDD
2.2 µF 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com