Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
Hardware Design Considerations
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
73
3.1.1
Clock Ranges
Table 53 provides the clocking specifications for the processor core.
Table 54 provides the clocking specifications for the memory bus.
Table 55 provides the clocking specifications for the local bus.
Table 53. Processor Core Clocking Specifications
Characteristic
Maximum Processor Core Frequency
Unit
Notes
800 MHz
1066 MHz
1333 MHz
Min
Max
Min
Max
Min
Max
e600 core processor frequency
666
800
666
1066
666
1333
MHz
1, 2, 3
Notes:
1. Caution: The MPX clock to SYSCLK ratio and e600 core to MPX clock ratio settings must be chosen such that the resulting
SYSCLK frequency, e600 (core) frequency, and MPX clock frequency do not exceed their respective maximum or minimum
operating frequencies. Refer to Section 3.1.2, “Platform/MPX to SYSCLK PLL Ratio” and Section 3.1.3, “e600 Core to
MPX/Platform Clock PLL Ratio,” for ratio settings.
2. The minimum e600 core frequency is based on the minimum platform clock frequency of 333 MHz.
3. The reset config pin cfg_core_speed must be pulled low if the core frequency is 800 MHz or below.
Table 54. Memory Bus Clocking Specifications
Characteristic
Maximum Processor Core
Frequency
Unit
Notes
800, 1066, 1333 MHz
Min
Max
Memory bus clock frequency
166
266
MHz
1, 2
Notes:
1. Caution: The MPX clock to SYSCLK ratio and e600 core to MPX clock ratio settings must be chosen such that the resulting
SYSCLK frequency, e600 (core) frequency, and MPX clock frequency do not exceed their respective maximum or minimum
operating frequencies. Refer to Section 3.1.2, “Platform/MPX to SYSCLK PLL Ratio.”
2. The memory bus clock speed is half the DDR/DDR2 data rate, hence, half the MPX clock frequency.
Table 55. Local Bus Clocking Specifications
Characteristic
Maximum Processor Core
Frequency
Unit
Notes
800, 1066, 1333 MHz
Min
Max
Local bus clock speed
22
133
MHz
1
Note:
1. The local bus clock speed on LCLK[0:2] is determined by the MPX clock divided by the local bus ratio programmed in
LCRR[CLKDIV]. Refer to the
MPC8610 Integrated Host Processor Reference Manual, for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com