Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
Electrical Characteristics
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
45
Figure 17 provides the SSI transmitter timing with internal clock.
Figure 17. SSI Transmitter with Internal Clock Timing Diagram
2.12.2.2
SSI Receiver Timing with Internal Clock
Table 36 provides the receiver timing parameters with internal clock.
(Tx) CK high to FS low
SS12
—
15.0
ns
(Tx/Rx) internal FS rise time
SS14
—
6
ns
(Tx/Rx) internal FS fall time
SS15
—
6
ns
(Tx) CK high to STXD valid from high impedance
SS16
—
15.0
ns
(Tx) CK high to STXD high/low
SS17
—
15.0
ns
(Tx) CK high to STXD high impedance
SS18
—
15.0
ns
STXD rise/fall time
SS19
—
6
ns
Synchronous Internal Clock Operation
SRXD setup before (Tx) CK falling
SS42
10.0
—
ns
SRXD hold after (Tx) CK falling
SS43
0
—
ns
Loading
SS52
—
25
pF
Table 36. SSI Receiver with Internal Clock Timing Parameters
Parameter
Symbol
Min
Max
Unit
Internal Clock Operation
(Tx/Rx) CK clock period
SS1
81.4
—
ns
Table 35. SSI Transmitter with Internal Clock Timing Parameters (continued)
Parameter
Symbol
Min
Max
Unit
SS19
SSIn_TCK
SSIn_TFS
SS1
SSIn_TXD
SSIn_RXD
SS2
SS4
SS3
SS5
SS10
SS12
SS14
SS18
SS15
SS17
SS16
SS43
SS42
Note: SRXD input in synchronous mode only.
(Output)
(Output)
(Output)
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com