Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 96Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 92 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Package Information
Freescale Semiconductor
92
Notes for Figure 58:
1 All dimensions are in millimeters.
2 Dimensions and tolerances per ASME Y14.5M-1994.
3 Maximum solder ball diameter measured parallel to datum A.
4 Datum A, the seating plane, is defined by the spherical crowns of the solder balls.
5 Capacitors may not be present on all devices.
6 Caution must be taken not to short capacitors or expose metal capacitor pads on package top.
7 All dimensions symmetrical about centerlines unless otherwise specified.
4.3
Ordering Information
Ordering information for the parts fully covered by this specification document is provided in Section 4.3.1, “Part Numbers
Fully Addressed by This Document.”
4.3.1
Part Numbers Fully Addressed by This Document
Table 63 provides the Freescale part numbering nomenclature for the MPC8610. Note that the individual part numbers
correspond to a maximum processor core frequency. For available frequencies, contact your local Freescale sales office. In
addition to the processor frequency, the part numbering scheme also includes an application modifier which may specify special
application conditions. Each part number also contains a revision code which refers to the die mask revision number.
Table 64 shows the parts that are available for ordering and their operating conditions.
Table 63. Part Numbering Nomenclature
MC
nnnn
w
xx
yyyy
M
z
Product
Code
Part
Identifier
Temp 3
Package 1
Core Processor
Frequency2
(MHz)
DDR speed
(MHz)
Product Revision Level
MC
8610
T = –40 to
105
°C
PX = Leaded sphere
FC-PBGA
VT = RoHS lead free
FC-PBGA
1067, 800
J = 533 MHz
G = 400 MHz
Revision B = 1.1
System Version Register
Value for Rev B:
0x80A0_0011—MPC8610
Blank = 0
to 105
°C
1333, 1067, 800
Notes:
1. See Section 4, “Package Information,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by part number specifications may support other
maximum core frequencies.
3. Extended temperature range devices are offered only with core frequencies of 1067 and 800 MHz.
Table 64. Part Offerings and Operating Conditions
Part Offerings1
Operating Conditions
MC8610xx1333Jz
Max CPU speed = 1333 MHz,
Max DDR = 533 MHz
MC8610xx1066Jz
Max CPU speed = 1066 MHz,
Max DDR = 533 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com