Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
Electrical Characteristics
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
33
Table 24 provides the DC electrical characteristics for the local bus interface operating at BVDD =2.5 V DC.
Table 25 provides the DC electrical characteristics for the local bus interface operating at BVDD =1.8 V.
2.7.2
Local Bus AC Electrical Specifications
Table 26 describes the general timing parameters of the local bus interface at BVDD = 3.3 V, 2.5 V and 1.8 V. For information
about the frequency range of local bus see Section 3.1.1, “Clock Ranges.”
Low-level output voltage (BVDD = min, IOL = 2 mA)
VOL
—0.2
V
Note:
1. The symbol VIN, in this case, represents the BVIN symbol referenced in Table 2 and Table 3.
Table 24. Local Bus DC Electrical Characteristics (BVDD = 2.5 V)
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
1.70
BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.7
V
Input current (VIN
1 = 0 V or V
IN = BVDD)IIN
—±15
μA
High-level output voltage (BVDD = min, IOH = –1 mA)
VOH
2.0
—
V
Low-level output voltage (BVDD = min, IOL = 1 mA)
VOL
—0.4
V
Note:
1. The symbol VIN, in this case, represents the BVIN symbol referenced in Table 2 and Table 3.
Table 25. Local Bus DC Electrical Characteristics (BVDD = 1.8 V)
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
1.3
BVDD + 0.3
V
Low-level input voltage
VIL
-0.3
0.8
V
Input current (VIN
1 = 0 V or V
IN = BVDD)IIN
—±15
μA
High-level output voltage (BVDD = min, IOH = –1 mA)
VOH
1.42
—
V
Low-level output voltage (BVDD = min, IOL = 1 mA)
VOL
—0.2
V
Note:
1. The symbol VIN, in this case, represents the BVIN symbol referenced in Table 2 and Table 3.
Table 26. Local Bus Timing Parameters (BVDD = 3.3 V, 2.5 V and 1.8 V)
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
7.5
—
ns
Local bus duty cycle
tLBKH/tLBK
45
55
%
LCLK[n] skew to LCLK[m]
tLBKSKEW
—
100
ps
2, 7
Table 23. Local Bus DC Electrical Characteristics (BVDD = 3.3 V) (continued)
Parameter
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com