Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Electrical Characteristics
Freescale Semiconductor
20
2.2
Power Sequencing
The MPC8610 requires its power rails to be applied in a specific sequence in order to ensure proper device operation. These
requirements are as follows:
The chronological order of power up is:
1.
OVDD, BVDD
2.
VDD_PLAT, AVDD_PLAT, VDD_Core, AVDD_Core, AVDD_PCI, SnVDD, XnVDD, SDnAVDD (this rail must reach
90% of its value before the rail for GVDD and MVREF reaches 10% of its value)
3.
GVDD, MVREF
4.
SYSCLK
The order of power down is as follows:
1.
SYSCLK
2.
GVDD, MVREF
3.
VDD_PLAT, AVDD_PLAT, VDD_Core, AVDD_Core, AVDD_PCI, SnVDD, XnVDD, SDnAVDD
4.
ODD, BVDD
NOTE
AVDD type supplies should be delayed with respect to their source supplies by the RC time
constant of the PLL filter circuit described in Section 3.2, “Power Supply Design and
Sequencing.”
Local bus
25
35
BVDD = 3.3 V
BVDD = 2.5 V
2
45 (default)
45 (default)
125
BVDD = 3.3 V
BVDD = 2.5 V
BVDD = 1.8 V
PCI, DUART, DMA, interrupts, system control and clocking, debug,
test, JTAG, power management, and miscellaneous I/O voltage
45
OVDD = 3.3 V
I2C
150
OVDD = 3.3 V
PCI Express
100
XVDD = 1.0 V
3
Notes:
1. See the DDR control driver registers in the
MPC8610 Integrated Host Processor Reference Manual, for more information.
2. See the POR impedance control register in the
MPC8610 Integrated Host Processor Reference Manual, for more information
about local bus signals and their drive strength programmability.
3. See Section 1.1, “Pin Assignments,” for details on resistor requirements for the calibration of SD
n_IMP_CAL_TX and
SD
n_IMP_CAL_RX transmit and receive signals.
4. Stub series terminated logic (SSTL-25) type pins.
5. Stub series terminated logic (SSTL-18) type pins.
6. The drive strength of the DDR interface in half strength mode is at Tj = 105°C and at GVDD (min).
Table 4. Output Drive Capability (continued)
Driver Type
Programmable
Output Impedance
(
Ω)
Supply
Voltage
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com