Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8610EC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
Freescale Semiconductor
Data Sheet
Document Number: MPC8610EC
Rev. 0, 10/2008
© Freescale Semiconductor, Inc., 2008. All rights reserved.
Features
• High-performance, 32-bit e600 core, that implements the
Power Architecture™ technology
– Eleven execution units and three register files
– Two separate 32-Kbyte instruction and data level 1 (L1)
caches
– Integrated 256-Kbyte, eight-way set-associative unified
instruction and data level 2 (L2) cache with ECC
– 36-bit real addressing
– Multiprocessing support features
– Power and thermal management
• MPX coherency module (MCM)
• Address translation and mapping units (ATMUs)
• DDR/DDR2 memory controller
– 64- or 32-bit data path (72-bit with ECC)
– Up to 533-MHz DDR2 data rate and up to 400 MHz
DDR data rate
– Up to 16 Gbytes memory
• Enhanced local bus controller (eLBC)
– Operating at up to 133 MHz
– Eight chip selects
• Display interface unit
– Maximum display resolution: 1280
×1024
– Maximum display refresh rate: 60 Hz
– Display color depth: up to 24 bpp
– Display interface: parallel TTL
• OpenPIC-compliant programmable interrupt controller
(PIC)
– Supports 16 programmable interrupt and processor task
priority levels
– Supports 12 discrete external interrupts and 48 internal
interrupts
– Eight global high resolution timers/counters that can
generate interrupts
– Support for PCI Express message-shared interrupts
(MSIs)
•Dual I
2C controllers
– Master or slave I
2C mode support
– Boot sequencer
– Optionally loads configuration data from serial ROM at
reset via I
2C interface
– Can be used to initialize configuration registers and/or
memory
– Supports extended I
2C addressing mode
• DUART
• Fast InfraRed interface
• Serial peripheral interface
– Master or slave support
• Dual integrated four-channel DMA controllers
– All channels accessible by both local and remote masters
– Supports transfers to or from any local memory or I/O
port
– Ability to start and flow control each DMA channel
from external 3-pin interface
• Watchdog timer
• Dual global timer modules
• 32-bit PCI interface, 33 or 66 MHz bus frequency
• Dual PCI Express® controllers
– PCI Express 1.0a compatible
– PCI Express controller 1 supports x1, x2, and x4 link
widths; PCI Express controller 2 supports x1, x2, x4, and
x8 link widths
– 2.5 Gbaud, 2.0 Gbps lane
• Device performance monitor
– Supports eight 32-bit counters that count the occurrence
of selected events
– Ability to count up to 512 counter-specific events
– Supports 64 reference events that can be counted on any
of the 8 counters
– Supports duration and quantity threshold counting
– Burstiness feature that permits counting of burst events
with a programmable time between bursts
– Triggering and chaining capability
– Ability to generate an interrupt on overflow
• IEEE Std 1149.1™ compliant, JTAG boundary scan
• Available as 783-pin, flip-chip, plastic ball grid array
(FC-PBGA)
MPC8610 Integrated Host Processor
Hardware Specifications


Similar Part No. - MPC8610EC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC Datasheet
1Mb / 96P
MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
More results

Similar Description - MPC8610EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
Integrated Host Processor Hardware Specifications
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
Integrated Host Processor Hardware Specifications
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
MPC8610 Integrated Host Processor Hardware Specifications
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com