Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8610EC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
2
Table of Contents
1
Pin Assignments and Reset States . . . . . . . . . . . . . . . . . . . . .4
1.1
Pin Assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
2
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .16
2.1
Overall DC Electrical Characteristics . . . . . . . . . . . . . .16
2.2
Power Sequencing . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
2.3
Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . .22
2.4
Input Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
2.5
RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . . .26
2.6
DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . . .26
2.7
Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
2.8
Display Interface Unit . . . . . . . . . . . . . . . . . . . . . . . . . .37
2.9
I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
2.10 DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
2.11 Fast/Serial Infrared Interfaces (FIRI/SIRI). . . . . . . . . . .44
2.12 Synchronous Serial Interface (SSI). . . . . . . . . . . . . . . .44
2.13 Global Timer Module. . . . . . . . . . . . . . . . . . . . . . . . . . .48
2.14 GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .49
2.15 Serial Peripheral Interface (SPI) . . . . . . . . . . . . . . . . . .50
2.16 PCI Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .52
2.17 High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . . .54
2.18 PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .62
2.19 JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
3
Hardware Design Considerations . . . . . . . . . . . . . . . . . . . . . 72
3.1
System Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
3.2
Power Supply Design and Sequencing . . . . . . . . . . . . 76
3.3
Decoupling Recommendations . . . . . . . . . . . . . . . . . . 77
3.4
SerDes Block Power Supply Decoupling
Recommendations. . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
3.5
Connection Recommendations . . . . . . . . . . . . . . . . . . 77
3.6
Pull-Up and Pull-Down Resistor Requirements . . . . . . 78
3.7
Output Buffer DC Impedance . . . . . . . . . . . . . . . . . . . 78
3.8
Configuration Pin Muxing . . . . . . . . . . . . . . . . . . . . . . 79
3.9
JTAG Configuration Signals. . . . . . . . . . . . . . . . . . . . . 79
3.10 Guidelines for High-Speed Interface Termination . . . . 82
3.11 Guidelines for PCI Interface Termination . . . . . . . . . . . 83
3.12 Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
4
Package Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
4.3
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . 92
5
Product Documentation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
6
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com