Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
Hardware Design Considerations
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
83
software. However, if a SerDes port is enabled through the POR input the user can disable it through the DEVDISR register in
software. Disabling a SerDes port through software should be done on a temporary basis. Power is always required for the
SerDes interface, even if the port is disabled through either mechanism. Table 61 describes the possible enabled/disabled
scenarios for a SerDes port. The termination recommendations must be followed for each port.
If the high-speed SerDes port requires complete or partial termination, the unused pins should be terminated as described in this
section.
The following pins must be left unconnected (floating):
•SDn_TX[7:0]
•SDn_TX[7:0]
The following pins must be connected to GND:
•SDn_RX[7:0]
•SDn_RX[7:0]
•SDn_REF_CLK
•
SDn_REF_CLK
For other directions on reserved or no-connects pins, see Section 1.1, “Pin Assignments.”
3.11
Guidelines for PCI Interface Termination
PCI termination if PCI is not used at all.
Option 1
•
If PCI arbiter is enabled during POR,
— All AD pins will be driven to the stable states after POR. Therefore, all ADs pins can be floating. This includes
PCI_AD[31:0], PCI_C/BE[3:0], and PCI_PAR signals.
— All PCI control pins can be grouped together and tied to OVDD through a single 10-kΩ resistor.
— It is optional to disable PCI block through DEVDISR register after POR reset.
Table 61. SerDes Port Enabled/Disabled Configurations
Disabled through POR input
Enabled through POR input
Enabled through DEVDISR
SerDes port is disabled (and cannot
be enabled through DEVDISR)
Complete termination required
(Reference clock not required
SerDes port is enabled
Partial termination may be required1
(Reference clock is required)
1 Partial termination when a SerDes port is enabled through both POR input and DEVDISR is determined by the
SerDes port mode. If port 1 is in x4 PCI Express mode, no termination is required because all pins are being
used. If port 1 is in x1/x2 PCI Express mode, termination is required on the unused pins. If port 2 is in x8 PCI
Express mode, no termination is required because all pins are being used. If port 1 is in x1/x2/x4 PCI Express
mode, termination is required on the unused pins.
Disabled through DEVDISR
SerDes port is disabled (through
POR input)
Complete termination required
(Reference clock not required)
SerDes port is disabled after software
disables port
Same termination requirements as
when the port is enabled through POR
input2
(Reference clock is required)
2 If a SerDes port is enabled through the POR input and then disabled through DEVDISR, no hardware changes
are required. Termination of the SerDes port should follow what is required when the port is enabled through
both POR input and DEVDISR. See Note 1 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com