Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
Hardware Design Considerations
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
89
Figure 57. MPC8610 Thermal Model
3.14.5
Temperature Diode
The MPC8610 has a temperature diode on the microprocessor that can be used in conjunction with other system temperature
monitoring devices (such as Analog Devices, ADT7461™). These devices use the negative temperature coefficient of a diode
operated at a constant current to determine the temperature of the microprocessor and its environment. For proper operation,
the monitoring device used should auto-calibrate the device by canceling out the VBE variation of each MPC8610’s internal
diode.
The following are the specifications of the MPC8610 on-board temperature diode:
Vf > 0.40 V
Vf < 0.90 V
Operating range 2–300
μA
Diode leakage < 10 nA @ 125
°C
An approximate value of the ideality may be obtained by calibrating the device near the expected operating temperature.
Ideality factor is defined as the deviation from the ideal diode equation:
Bump and Underfill
Die
Substrate
Solder/Air
Die
Substrate
Side View of Model (Not to Scale)
Top View of Model (Not to Scale)
x
y
z
Conductivity
Value
Unit
Die (8.5 x 9.7 x 0.86mm)
Silicon
Temperature
dependent
Bump and Underfill (8.5
× 9.7 × 0.07 mm)
Collapsed Resistance
kz
8.1
W/(m • K)
Substrate (29
× 29 × 1.18 mm)
kx
23.3
W/(m • K)
ky
23.3
kz
0.95
Solder and Air (29
× 29 × 0.4 mm)
kx
0.034
W/(m • K)
ky
0.034
kz
12.1
Ifw = Is e
– 1
qVf
___
nKT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com