Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
Pin Assignments and Reset States
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
11
TRST
A28
I
OVDD
27
Additional Analog Signals
TEMP_ANODE
C11
Thermal
—
TEMP_CATHODE
C10
Thermal
—
Special Connection Requirement Pins
No Connects
B1, B10, C2, C3, E22, F18, G11, G18, H8,
H11, H14, J11, AA1, AA2, AA3, AA4
——
16
Power and Ground Signals
MVREF
AE14
DDR2 reference
voltage
GVDD/2
OVDD
C24, C26, D1, E25, F3, G7, G25, H4, J24,
K1, L4, L7, N5, P10, P7, T4, T8, V5, V8
LCD, general
purpose timer,
PCI, MPIC, I2C,
DUART, IrDA,
SPI, DMA,
system control,
clocking, debug,
test, JTAG, &
power
management
I/O supply
OVDD
GVDD
Y2, Y16, AA7, AA24, AA26, AB14, AB17,
AC2, AC5, AC6, AC9, AC12, AC18, AC21,
AC24, AC27, AE4, AE7, AE10, AE13, AE16,
AE19, AE22, AE25, AF2, AG5, AG8, AG11,
AG14, AG17, AG20, AG23, AG26, AH1
DDR SDRAM
I/O supply
GVDD
BVDD
L27, M20, M24, P18, P22, P26, U19, U27,
V24, W21, AA20
eLBC & SSI I/O
voltage
BVDD
S1VDD
A3, A10, B5, B8, D4, D7
Receiver and
SerDes core
power supply for
port 1
S1VDD
S2VDD
A11, A15, A19, A23, B13, B17, B21, C14,
C18, D12, D16, D20
Receiver and
SerDes core
power supply for
port 2
S2VDD
X1VDD
F11, G9, H12, J10, K13
Transmitter
power supply for
SerDes port 1
X1VDD
X2VDD
F13, F17, F21, G15, G19, H18, H22, J16,
J20
Transmitter
power supply for
SerDes port 2
X2VDD
Table 1. Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com